Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856B Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BC856B
Description  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC856B Datasheet(HTML) 8 Page - Infineon Technologies AG

  BC856B Datasheet HTML 1Page - Infineon Technologies AG BC856B Datasheet HTML 2Page - Infineon Technologies AG BC856B Datasheet HTML 3Page - Infineon Technologies AG BC856B Datasheet HTML 4Page - Infineon Technologies AG BC856B Datasheet HTML 5Page - Infineon Technologies AG BC856B Datasheet HTML 6Page - Infineon Technologies AG BC856B Datasheet HTML 7Page - Infineon Technologies AG BC856B Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BC856...BC860
8
Dec-11-2001
Noise figure F = f (IC)
VCE = 5V, f = 1kHz
10
10
10
10
BC 856...860
EHP00388
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
S
R
C
Ι
Noise figure F = f (IC)
VCE = 5V, f = 120Hz
10
10
10
10
BC 856...860
EHP00387
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
S
R
C
Ι
Noise figure F = f (IC)
VCE = 5V, f = 10kHz
10
10
10
10
BC 856...860
EHP00389
mA
-3
-2
0
1
20
10
0
5
15
-1
10
dB
F
Ι
C
= 1 M
R
S
100 k
10 k
500
1 k


Similar Part No. - BC856B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Yea Shin Technology Co....
BC856B YEASHIN-BC856B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
Pan Jit International I...
BC856B PANJIT-BC856B Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
SeCoS Halbleitertechnol...
BC856B SECOS-BC856B Datasheet
263Kb / 3P
   BC856A
More results

Similar Description - BC856B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com