Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041DQFTA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LM4041DQFTA
Description  AUTOMOTIVE GRADE 1.225V AND ADJUSTABLE PRECISION REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041DQFTA Datasheet(HTML) 6 Page - Diodes Incorporated

  LM4041DQFTA Datasheet HTML 1Page - Diodes Incorporated LM4041DQFTA Datasheet HTML 2Page - Diodes Incorporated LM4041DQFTA Datasheet HTML 3Page - Diodes Incorporated LM4041DQFTA Datasheet HTML 4Page - Diodes Incorporated LM4041DQFTA Datasheet HTML 5Page - Diodes Incorporated LM4041DQFTA Datasheet HTML 6Page - Diodes Incorporated LM4041DQFTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LM4041Q
Document number: DS37001 Rev. 1 - 2
6 of 7
www.diodes.com
March 2014
© Diodes Incorporated
LM4041Q
A Product Line of
Diodes Incorporated
Ordering Information
Order Code
+25°C
Tol
Voltage
(V)
Package
(Note 5)
Package
Code
Identification
Code
Packing: 7” Tape and Reel
Qualification Grade
(Note 6)
Quantity Tape width Part Number Suffix
LM4041CQFTA
0.5%
1.225
SOT23
F
R1C
3000
8mm
TA
Automotive Grade
LM4041DQFTA
1%
1.225
SOT23
F
R1D
3000
8mm
TA
Automotive Grade
LM4041DADJQFTA 1%
Adj
SOT23
F
RAD
3000
8mm
TA
Automotive Grade
Note:
5.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
6.
LM4041Q has been been qualified to AEC-Q100 grade 1 and is classified as “Automotive Grade” supporting PPAP documentation.
See LM4041 datasheet for commercial qualified versions.
Marking Information
RXX : Identification code
Package Outline Information
Please see AP02001 at http://www.diodes.com/datasheets/ap02002.pdf for latest version
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085 0.150 0.110
a
All Dimensions in mm
J
K 1
K
L 1
H
L
M
A l l 7 °
A
C
B
D
a


Similar Part No. - LM4041DQFTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041DQDBZR TI-LM4041DQDBZR Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041DQDBZR TI-LM4041DQDBZR Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041DQDBZR TI-LM4041DQDBZR Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041DQDBZR TI-LM4041DQDBZR Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041DQDBZR TI-LM4041DQDBZR Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041DQFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
   1.225V Precision micropower shunt voltage reference
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
   1.225V MICROPOWER VOLTAGE REFERENCE
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com