Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D30QFTA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LM4040D30QFTA
Description  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040D30QFTA Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button LM4040D30QFTA Datasheet HTML 2Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 3Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 4Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 5Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 6Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 7Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 8Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 9Page - Diodes Incorporated LM4040D30QFTA Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
6 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
Typical Characteristics LM4040Q-3.0
1.00
0.75
-0.75
-1.00
-0.25
-0.50
0.25
0.00
0.50
I = 100µA
R
40
80
120
-40
0
TEMPERATURE (°C)
Reference Voltage
Temperature Coefficient
40
80
120
-40
0
TEMPERATURE (°C)
Reference Voltage
Temperature Coefficient
1.00
0.75
-0.75
-1.00
-0.25
-0.50
0.25
0.00
0.50
10k
100k
1M
100
1k
FREQUENCY (Hz)
Reference Impedance vs. Frequency
T = 25°C
I = 100µA
A
R
C = 0
L
C = 1.0µF
Tantalum
L
10k
100k
1M
100
1k
100
0.01
0.1
1
10
FREQUENCY (Hz)
Reference Impedance vs. Frequency
1k
10k
100k
10
100
FREQUENCY (Hz)
Noise Voltage vs. Frequency
650
450
550
600
500
400
1
2
4
-1
0
V , REVERSE VOLTAGE (V)
Reference Current vs. Voltage
R
500
400
-200
-300
0
-100
200
100
300
3
T = 25°C
A


Similar Part No. - LM4040D30QFTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040D30QDBZR TI-LM4040D30QDBZR Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040D30QDBZR VISHAY-LM4040D30QDBZR Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040D30QDBZR TI-LM4040D30QDBZR Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D30QDBZR TI-LM4040D30QDBZR Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D30QDBZR TI1-LM4040D30QDBZR Datasheet
975Kb / 55P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040D30QFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com