Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849BW Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BC849BW
Description  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC849BW Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC849BW Datasheet HTML 1Page - Infineon Technologies AG BC849BW Datasheet HTML 2Page - Infineon Technologies AG BC849BW Datasheet HTML 3Page - Infineon Technologies AG BC849BW Datasheet HTML 4Page - Infineon Technologies AG BC849BW Datasheet HTML 5Page - Infineon Technologies AG BC849BW Datasheet HTML 6Page - Infineon Technologies AG BC849BW Datasheet HTML 7Page - Infineon Technologies AG BC849BW Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC846W...BC850W
5
Dec-11-2001
Collector-base capacitance CCB = f (VCBO)
Emitter-base capacitance CEB = f (VEBO)
0
4
10
5
10
10
EHP00361
V
CB0
C
EB0
V
6
2
EB0
V
EB
C
8
10
pF
12
CB0
C
-1
0
1
C
CB
(
(
)
BC 846...850
)
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00362
-6
0
10
5
D =
5
10
1
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t
Transition frequency fT = f (IC)
VCE = 5V
10
10
10
10
EHP00363
f
mA
MHz
-1
0
1
2
5
T
3
10
10 2
1
10
5
5
5
Ι
C


Similar Part No. - BC849BW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849BW PHILIPS-BC849BW Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BC849BW SIEMENS-BC849BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC849BW DIOTEC-BC849BW Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Pan Jit International I...
BC849BW PANJIT-BC849BW Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE TRANSISTORS
logo
NXP Semiconductors
BC849BW NXP-BC849BW Datasheet
129Kb / 7P
   NPN general purpose transistors
1999 Apr 12
More results

Similar Description - BC849BW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com