Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54-16 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCP54-16
Description  NPN Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP54-16 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCP54-16 Datasheet HTML 1Page - Infineon Technologies AG BCP54-16 Datasheet HTML 2Page - Infineon Technologies AG BCP54-16 Datasheet HTML 3Page - Infineon Technologies AG BCP54-16 Datasheet HTML 4Page - Infineon Technologies AG BCP54-16 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCP54...BCP56
Nov-29-2001
5
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
EHP00271
BCP 54...56
CEsat
V
0.4
V
0.8
100
101
3
10
Ι
C
mA
C
2
10
0.2
0.6
104
100
25 C
C
-50
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0
10
EHP00270
BCP 54...56
BEsat
V
0
4
10
Ι
C
mA
0.2
1
10
2
10
3
10
0.4
0.6
0.8
1.2
V
C
100
25 C
-50 C
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00272
BCP 54...56
-6
-5
10
0
10
s
0
10
2
10
5
5
10
-4
10
-3
10
-2
10
1
5
D =
0.005
0.01
0.02
0.05
0.1
0.2
0.5
0
tot max
tot
P
DC
P
p
t
t p
=
D
T
t p
T


Similar Part No. - BCP54-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54-16 PHILIPS-BCP54-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54-16 SIEMENS-BCP54-16 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
NXP Semiconductors
BCP54-16 NXP-BCP54-16 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
logo
NXP Semiconductors
BCP54-16 NXP-BCP54-16 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
More results

Similar Description - BCP54-16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com