Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8406ER Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM8406ER
Description  ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8406ER Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM8406ER Datasheet HTML 6Page - Diodes Incorporated PAM8406ER Datasheet HTML 7Page - Diodes Incorporated PAM8406ER Datasheet HTML 8Page - Diodes Incorporated PAM8406ER Datasheet HTML 9Page - Diodes Incorporated PAM8406ER Datasheet HTML 10Page - Diodes Incorporated PAM8406ER Datasheet HTML 11Page - Diodes Incorporated PAM8406ER Datasheet HTML 12Page - Diodes Incorporated PAM8406ER Datasheet HTML 13Page - Diodes Incorporated PAM8406ER Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PAM8406
Document number: DSxxxxx Rev. 1 - 0
10 of 14
www.diodes.com
March 2013
© Diodes Incorporated
PAM8406
A Product Line of
Diodes Incorporated
Application Information (cont.)
Power Supply Decoupling
The PAM8406 is a high performance CMOS audio amplifier that requires adequate power supply decoupling to ensure the output THD and
PSRR as low as possible. Power supply decoupling affects low frequency response. Optimum decoupling is achieved by using two capacitors of
different types targeting to different types of noise on the power supply leads. For higher frequency transients, spikes, or digital hash on the line,
a good low equivalent-series resistance (ESR) ceramic capacitor, typically 1.0μF, works best, placing it as close as possible to the device VDD
terminal. For filtering lower frequency noise signals, a large capacitor of 20μF (ceramic) or greater is recommended, placing it near the audio
power amplifier.
Input Capacitor (CI)
Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized capacitor is needed to couple in low
frequencies without severe attenuation. But in many cases the speakers used in portable systems, whether internal or external, have little ability
to reproduce signals below 100Hz to 150Hz. Thus, using a large input capacitor may not increase actual system performance. In this case, input
capacitor (CI) and input resistance (RI) of the amplifier form a high-pass filter with the corner frequency determined by equation below,
C
R
2
1
f
I
I
C
In addition to system cost and size, click and pop performance is affected by the size of the input coupling capacitor, CI. A larger input coupling
capacitor requires more charge to reach its quiescent DC voltage (nominally 1/2 VDD). This charge comes from the internal circuit via the
feedback and is apt to create pops upon device enable. Thus, by minimizing the capacitor size based on necessary low frequency response,
turn-on pops can be minimized.
Analog Reference Bypass Capacitor (CBYP)
The Analog Reference Bypass Capacitor (CBYP) is the most critical capacitor and serves several important functions. During start-up or recovery
from shutdown mode, CBYP determines the rate at which the amplifier starts up. The second function is to reduce noise caused by the power
supply coupling into the output drive signal. This noise is from the internal analog reference to the amplifier, which appears as degraded PSRR
and THD+N.
A ceramic bypass capacitor (CBYP) with values of 0.47μF to 1.0μF is recommended for the best THD and noise performance. Increasing the
bypass capacitor reduces clicking and popping noise from power on/off and entering and leaving shutdown.
Under Voltage Lock-Out (UVLO)
The PAM8406 incorporates circuitry designed to detect low supply voltage. When the supply voltage drops to 2.0V or below, the PAM8406
outputs are disabled, and the device comes out of this state and starts to normal function when VDD ≥ 2.2V.
Short Circuit Protection (SCP)
The PAM8406 has short circuit protection circuitry on the outputs to prevent damage to the device when output-to-output or output-to-GND short
occurs. When a short circuit is detected on the outputs, the outputs are disabled immediately. If the short was removed, the device activates
again.
Over Temperature Protection
Thermal protection on the PAM8406 prevents the device from damage when the internal die temperature exceeds +150°C. There is a 15 degree
tolerance on this trip point from device to device. Once the die temperature exceeds the thermal set point, the device outputs are disabled. This
is not a latched fault. The thermal fault is cleared once the temperature of the die is reduced by 30°C. This large hysteresis will prevent motor
boating sound well and the device begins normal operation at this point without external system intervention.


Similar Part No. - PAM8406ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
   2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8406ER

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
   5W AUDIO AMPLIFIER WITH MUTING
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com