Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP05-10 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GP05-10
Description  FAST RECOVERY HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GP05-10 Datasheet(HTML) 1 Page - Frontier Electronics.

  GP05-10_16 Datasheet HTML 1Page - Frontier Electronics. GP05-10_16 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP05-10 THRU GP05-20 SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. BEVELED ROUND CHIP, AVALANCHE OPERATION
3. CASE: DO-41 TRANSFER MOLDED
4. DIMENSIONS IN INCHES AND (MILLIMETERS)
5. POLARITY: INDICATED BY CATHODE BAND
6. WEIGHT: DO-41 0.34 GRAMS
7. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
8. RoHS
GP05-20
2000
1400
2000
GP05-15
1500
1050
1500
GP05-18
1800
1260
1800
GP05-10
1000
700
1000
MAXIMUM REVERSE CURRENT @ 100°C
IR
50
uA
1. MEASURED @ 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
2. BOTH LEADS ATTATCHED TO HEATSINK 20×20×1T (mm) COPPER PLATE AT LEAD LENTH 5mm
3. MAXIMUM FORWARD VOLTAGE AT Io DC
PART NUMBER
MAX RECURRENT PK REV VOLTAGE
VRRM (V)
MAX RMS VOLTAGE VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
MAXIMUM FORWARD VOLTAGE
VF
2
V
MAXIMUM REVERSE CURRENT @ 25°C, VDC
IR
5
uA
TYPICAL JUNCTION CAPACITANCE (NOTE3)
CJ
9
pF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
50
°C/W
AVERAGE FORWARD RECTIFIED CURRENT AT L=10mm TA=55°C
IO
0.5
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +150°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS
SYMBOL
VALUE
UNITS
FAST RECOVERY HIGH VOLTAGE RECTIFIER
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0


Similar Part No. - GP05-10_16

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GP05-10 FCI-GP05-10 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
RFE international
GP05-10 RFE-GP05-10 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Frontier Electronics.
GP05-10 FRONTIER-GP05-10 Datasheet
127Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - GP05-10_16

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0058D SSDI-RC0058D_15 Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com