Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8902HKER Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8902HKER
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902HKER Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8902HKER Datasheet HTML 1Page - Diodes Incorporated PAM8902HKER Datasheet HTML 2Page - Diodes Incorporated PAM8902HKER Datasheet HTML 3Page - Diodes Incorporated PAM8902HKER Datasheet HTML 4Page - Diodes Incorporated PAM8902HKER Datasheet HTML 5Page - Diodes Incorporated PAM8902HKER Datasheet HTML 6Page - Diodes Incorporated PAM8902HKER Datasheet HTML 7Page - Diodes Incorporated PAM8902HKER Datasheet HTML 8Page - Diodes Incorporated PAM8902HKER Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8902A
Document number: DSxxxxx Rev. 1 - 3
2 of 12
www.diodes.com
February 2013
© Diodes Incorporated
PAM8902A
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Bump
(CSP)
Pin Number
(QFN)
Pin
Name
Function
A1
13
PVCC
Audio Amplifier Power Supply
A2
1
VOUT
Boost Convertor Output
A3
2
SW
Boost Convertor Switching Node
A4
4
PGND1
Boost Convertor Power Ground
B1
15
OUTP
Positive Differential Audio Output
B2
3
VSET
Boost Convertor Output Voltage Setting(8V,12V,17.5V)
B3
5
COMP
Boost Convertor Compensation
B4
6
AVDD
Power Supply
C1
14
OUTN
Negative Differential Audio Output
C2
11
GSET
AmplifierGain Setting. (Refer to "Application Notes")
C3
7
VCM
Common Mode Bypass Cap
C4
8
AGND
Analog Ground
D1
13
PGND2
Class D PowerGround
D2
12
ENA
Whole Chip Enable
D3
10
INN
Negative Differential Audio Input
D4
9
INP
Positive Differential Audio Input


Similar Part No. - PAM8902HKER

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8902HKER DIODES-PAM8902HKER Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
More results

Similar Description - PAM8902HKER

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
logo
Texas Instruments
TPA2100P1 TI-TPA2100P1 Datasheet
949Kb / 23P
[Old version datasheet]   19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
   MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
   10W anti-breaking mono D-class audio amplifier
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Shenzhen Huazhimei Semi...
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
   4.7W Anti-cutting Mono Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8012 PAM-PAM8012 Datasheet
346Kb / 13P
   Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
   4.7W anti-cutting top mono Class D audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com