Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC849W
Description  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC849W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC849W Datasheet HTML 1Page - Infineon Technologies AG BC849W Datasheet HTML 2Page - Infineon Technologies AG BC849W Datasheet HTML 3Page - Infineon Technologies AG BC849W Datasheet HTML 4Page - Infineon Technologies AG BC849W Datasheet HTML 5Page - Infineon Technologies AG BC849W Datasheet HTML 6Page - Infineon Technologies AG BC849W Datasheet HTML 7Page - Infineon Technologies AG BC849W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BC846W...BC850W
1
Dec-11-2001
NPN Silicon AF Transistors
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Low noise between 30 Hz and 15 kHz
 Complementary types:
BC856W, BC857W, BC858W
BC859W, BC860W (PNP)
1
3
VSO05561
2
Type
Marking
Pin Configuration
Package
BC846AW
BC846BW
BC847AW
BC847BW
BC847CW
BC848AW
BC848BW
BC848CW
BC849BW
BC849CW
BC850BW
BC850CW
1As
1Bs
1Es
1Fs
1Gs
1Js
1Ks
1Ls
2Bs
2Cs
2Fs
4Gs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323


Similar Part No. - BC849W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849W PHILIPS-BC849W Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Diotec Semiconductor
BC849W DIOTEC-BC849W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC849W DIOTEC-BC849W Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
SEMTECH ELECTRONICS LTD...
BC849W SEMTECH_ELEC-BC849W Datasheet
260Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC849W NXP-BC849W Datasheet
129Kb / 7P
   NPN general purpose transistors
1999 Apr 12
More results

Similar Description - BC849W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com