Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN835 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # AN835
Description  COMBINING THREE VERY LOW SUPPLY CURRENT ANALOG ICS INTO A USB-POWERED THERMOSTAT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN835 Datasheet(HTML) 2 Page - Silicon Laboratories

  AN835 Datasheet HTML 1Page - Silicon Laboratories AN835 Datasheet HTML 2Page - Silicon Laboratories AN835 Datasheet HTML 3Page - Silicon Laboratories AN835 Datasheet HTML 4Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN835
2
Rev. 1.0
2.1. Circuit Implementation
The temperature sensor chosen for this design is an industry-standard LM35 temperature sensor, available from
many sources. This temperature sensor generates an output voltage proportional to the ambient temperature in
degree Celsius and exhibits a scale factor of +10mV/ºC. This particular temperature sensor provides a linear
output response with a maximum output voltage of 1500mV corresponding to a 150ºC ambient temperature.
However, given that the hottest temperature achieved on earth is approximately 60ºC, this design will focus on
temperatures up to this ambient level. The transfer curve for the sensor is shown in Figure 2. In addition, a
Si9942DY N-channel MOSFET was used to switch an AP121P 5V/200mA fan ON and OFF.
Figure 2. LM35 Temperature Sensor Transfer Curve
The TS6001 voltage reference provides a 2.5V power supply for the TS1001 op-amp. The TS9001-1 comparator,
TS6001 voltage reference, LM35 temperature sensor, and the fan are powered with a common 5V power supply,
supplied by the USB connector. In this particular design, the TS1001 op-amp is configured in a non-inverting
scheme where the output of the temperature sensor is connected to the non-inverting input of the op-amp. When
the temperature rises to 26.4ºC, the LM35 sensor output is 264mV and is connected to to the non-inverting input of
the TS1001. With a gain of 4.75, the TS1001 generates a 1.254V output voltage. The output of the TS1001 is
connected to the non-inverting input of the TS9001-1 that then switches to a HIGH state at its output, turns on the
MOSFET which, in turn, turns on the fan.


Similar Part No. - AN835

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8353UB PANASONIC-AN8353UB Datasheet
50Kb / 4P
   High Efficiency Car Dashboard Dimmer IC
More results

Similar Description - AN835

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
   1100MHz Very Low Current Three Modulus Divider
logo
List of Unclassifed Man...
78LXXA ETC1-78LXXA Datasheet
84Kb / 7P
   The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
logo
Rohm
BD4912 ROHM-BD4912 Datasheet
999Kb / 17P
   DMOS System Power Supply ICs with low current consumption
Ver.B Oct.2005
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
   USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
   USB Powered
2021
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com