Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K0900S1URP Datasheet(PDF) 5 Page - Littelfuse

Part # K0900S1URP
Description  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0900S1URP Datasheet(HTML) 5 Page - Littelfuse

  K0900S1URP Datasheet HTML 1Page - Littelfuse K0900S1URP Datasheet HTML 2Page - Littelfuse K0900S1URP Datasheet HTML 3Page - Littelfuse K0900S1URP Datasheet HTML 4Page - Littelfuse K0900S1URP Datasheet HTML 5Page - Littelfuse K0900S1URP Datasheet HTML 6Page - Littelfuse K0900S1URP Datasheet HTML 7Page - Littelfuse K0900S1URP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
5
100-250 V ac
60 Hz
100-250 V ac
60 Hz
SCR
Sidac
Figure 16: Comparison of SIDAC versus SCR for Gas
Ignitor Circuit
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Figure 15: Low-voltage Input Circuit for Gas Ignition
4.7 µF
100 V
10 µF
50 V
24 V ac
60 Hz
4.7 µF
100 V
½ W
K1200E
Sidac
200 V
H.V.
Ignitor
1.2 µF
4.7 k
- +
- +
+
-
yU
Figure 17: SIDAC Circuit for High-power Igniter
0.47µF
60 Hz
2.2 µF
AC 240V
K2200yU
1k
2.2M
1k
K1500yU
Figure 18: SIDAC Circuit for Gas Ignition


Similar Part No. - K0900S1URP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900S TECCOR-K0900S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K0900S LITTELFUSE-K0900S Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K0900S70AP LITTELFUSE-K0900S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K0900S70RP LITTELFUSE-K0900S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
UN Semiconducctor INC
K0900SA UNSEMI-K0900SA Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
More results

Similar Description - K0900S1URP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com