Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN855 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # AN855
Description  ADJUSTING HYSTERESIS ON A DUAL COMPARATOR USING ONE RESISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN855 Datasheet(HTML) 1 Page - Silicon Laboratories

  AN855 Datasheet HTML 1Page - Silicon Laboratories AN855 Datasheet HTML 2Page - Silicon Laboratories AN855 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.0 1/15
Copyright © 2015 by Silicon Laboratories
AN855
AN855
A DJUSTING H YSTERESIS ON A D UAL C OMPARATOR
U SING O NE R ESISTOR
1. Introduction
Silicon Labs’ TS9002 low-power dual comparator incorporates an internal reference that, when used with a simple
feedback network, can adjust the hysteresis. Since only two resistors are needed for the feedback network, only
one resistor needs to be adjusted to alter the hysteresis band.
For this walk-through, only the A-comparator of the TS9002 will be considered. For the A-comparator, the output
will go high once the input to the A-comparator rises from below to above the upper threshold, while the output of
the A-comparator will go low once the input to the A-comparator goes from above to below the low threshold.
First, the hysteresis for the TS9002 comparator will be set to 30 mV. The voltage supplied by the internal reference,
or the REF pin, is 1.182 V. The voltage applied to the Hysteresis pin, HYST, should be half the hysteresis band
voltage, VHB, below the reference voltage. Equation 1 defines the required voltage at the HYST pin in terms of the
reference voltage and the desired hysteresis band. For an internal reference voltage of 1.182 V and a hysteresis
band of 30 mV, the required voltage at HYST results in 1.167 V.
Equation 1.
Before selecting the feedback network resistor values of R1 and R2, it is important to note that the current sourced
by the internal reference must be maintained below 20 µA and significantly greater than 20 pA. The current
sourced by the internal reference can be approximated by Equation 2. Therefore, to satisfy both conditions, the
value of 2 is selected to be 1 M
. This results in a reference current of 1.16 µA.
Equation 2.
To calculate the required R1 value for the corresponding hysteresis band and internal reference current,
Equation 3 is provided on page 9 of the TS9002 data sheet. A 30 mV hysteresis band, with a reference current of
1.167 µA, results in a R1 value of 12.85 k
.
Equation 3.
This feedback network consisting of R2 as 1 M
 and R1 as 12.85 k, results in a 30 mV hysteresis band with the
lower threshold occurring at 1.168 V while the high threshold occurs at 1.198 V.
To easily adjust the hysteresis band to 40 mV, only the R1 value needs to be changed. Using a 40 mV hysteresis
band, the new voltage at the HYTST pin should be equal to 1.162 V, or 20 mV below the reference voltage as
defined by Equation 1. Since R2 remains equal to 1M
, the new reference current is now equal to 1.162 µA.
Inserting the 40 mV hysteresis band and the corresponding reference current into Equation 3, the appropriate R1
value of 17.2 k
 can be calculated.
HYST
REF
0.5
VHB
=
I
REF
HYST
R2
-----------------
=
R1
0.5
H
 YST
I
REF
-------------------------------
=


Similar Part No. - AN855

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN851 SILABS-AN851 Datasheet
1Mb / 25P
   Si468X SCHEMATICS AND LAYOUT GUIDE
logo
Panasonic Semiconductor
AN8538 PANASONIC-AN8538 Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
AN8539SH PANASONIC-AN8539SH Datasheet
54Kb / 6P
   300 MHz-band single PLL IC
logo
Silicon Laboratories
AN854 SILABS-AN854 Datasheet
986Kb / 3P
   VERSATILE BUFFERED REFERENCE IC
More results

Similar Description - AN855

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Microchip Technology
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
STMicroelectronics
AN2979 STMICROELECTRONICS-AN2979 Datasheet
294Kb / 12P
   Implementing a simple ADC using the STM8L101xx comparator
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Analog Devices
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com