Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2400S1URP Datasheet(PDF) 1 Page - Littelfuse

Part # K2400S1URP
Description  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2400S1URP Datasheet(HTML) 1 Page - Littelfuse

  K2400S1URP Datasheet HTML 1Page - Littelfuse K2400S1URP Datasheet HTML 2Page - Littelfuse K2400S1URP Datasheet HTML 3Page - Littelfuse K2400S1URP Datasheet HTML 4Page - Littelfuse K2400S1URP Datasheet HTML 5Page - Littelfuse K2400S1URP Datasheet HTML 6Page - Littelfuse K2400S1URP Datasheet HTML 7Page - Littelfuse K2400S1URP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
1
Kxxx0yU SIDAC Series
Description
The SIDAC is a silicon unilateral voltage triggered switch.
Upon application of a voltage exceeding the SIDAC breakover
voltage point, the SIDAC switches on through a negative
resistance region to a low on-state voltage. Conduction
continues until the current is interrupted or drops below the
minimum holding current of the device.
SIDACs feature glass-passivated junctions to ensure a
rugged and dependable device capable of withstanding
harsh environments.
Features
Schematic Symbol
Applications
Suitable for capacitor-discharge HV generator circuit
• Rectified AC/DC Circuit
Oriented
• Triggering Voltage of 75V
to 260V
• RoHS Compliant
Symbol
Parameters
Test Conditions
min
max
Unit
V
BO
Breakover/Trigger Voltage
K0820yURP
75
90
V
K0900yURP
79
97
K1050yURP
95
110
K1100yURP
104
118
K1200yURP
110
125
K1300yURP
120
138
K1400yURP
130
146
K1500yURP
142
157
K2000yURP
190
210
K2200yURP
210
230
K2300yURP
220
240
K2400yURP
230
250
K2500yURP
240
260
V
DRM
Repetitive Peak Off-state Voltage
K0820yURP
70
V
K0900yURP
70
K1050yURP
90
K1100yURP
90
K1200yURP
100
K1300yURP
110
K1400yURP
115
K1500yURP
120
K2000yURP
170
K2200yURP
190
K2300yURP
200
K2400yURP
210
K2500yURP
220
Electrical Specifications (T
J = 25°C, unless otherwise specified)
A
K
RoHS


Similar Part No. - K2400S1URP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2400S TECCOR-K2400S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2400S TECCOR-K2400S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2400S LITTELFUSE-K2400S Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K2400S70AP LITTELFUSE-K2400S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2400S70RP LITTELFUSE-K2400S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2400S1URP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com