Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZR32LG330 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EZR32LG330
Description  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32LG330 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EZR32LG330 Datasheet HTML 6Page - Silicon Laboratories EZR32LG330 Datasheet HTML 7Page - Silicon Laboratories EZR32LG330 Datasheet HTML 8Page - Silicon Laboratories EZR32LG330 Datasheet HTML 9Page - Silicon Laboratories EZR32LG330 Datasheet HTML 10Page - Silicon Laboratories EZR32LG330 Datasheet HTML 11Page - Silicon Laboratories EZR32LG330 Datasheet HTML 12Page - Silicon Laboratories EZR32LG330 Datasheet HTML 13Page - Silicon Laboratories EZR32LG330 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
3.2 Configuration Summary
The features of the EZR32LG330 are a subset of the feature set described in the EZR32LGReference Manual. The table below de-
scribes device specific implementation of the features.
Table 3.2. Configuration Summary
Module
Configuration
Pin Connections
Cortex-M3
Full configuration
NA
DBG
Full configuration
DBG_SWCLK, DBG_SWDIO, DBG_SWO
MSC
Full configuration
NA
DMA
Full configuration
NA
RMU
Full configuration
NA
EMU
Full configuration
NA
CMU
Full configuration
CMU_OUT0, CMU_OUT1
WDOG
Full configuration
NA
PRS
Full configuration
NA
USB
Full configuration
USB_VBUS, USB_VBUSEN, USB_VREGI,
USB_VREGO, USB_DM, USB_DMPU,
USB_DP, USB_ID
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
I2C1
Full configuration
I2C1_SDA, I2C1_SCL
USARTRF0
Full configuration with IrDA
US0_TX, US0_RX, US0_CLK, US0_CS
USART1
Full configuration with I2S
US1_TX, US1_RX, US1_CLK, US1_CS
USART2
Full configuration with I2S
US2_TX, US2_RX, US2_CLK, US2_CS
UART0
Full configuration
U0_TX, U0_RX
UART1
Full configuration
U1_TX, U1_RX
LEUART0
Full configuration
LEU0_TX, LEU0_RX
LEUART1
Full configuration
LEU1_TX, LEU1_RX
TIMER0
Full configuration with DTI
TIM0_CC[2:0], TIM0_CDTI[2:0]
TIMER1
Full configuration
TIM1_CC[2:0]
TIMER2
Full configuration
TIM2_CC[2:0]
TIMER3
Full configuration
TIM3_CC[2:0]
RTC
Full configuration
NA
BURTC
Full configuration
NA
LETIMER0
Full configuration
LET0_O[1:0]
PCNT0
Full configuration, 16-bit count register
PCNT0_S[1:0]
PCNT1
Full configuration, 8-bit count register
PCNT1_S[1:0]
PCNT2
Full configuration, 8-bit count register
PCNT2_S[1:0]
ACMP0
Full configuration
ACMP0_CH[7:0], ACMP0_O
ACMP1
Full configuration
ACMP1_CH[7:0], ACMP1_O
VCMP
Full configuration
NA
EZR32LG330 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 9


Similar Part No. - EZR32LG330

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32LG330F128R55G-B0 SILABS-EZR32LG330F128R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R55G-B0R SILABS-EZR32LG330F128R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R60G-B0 SILABS-EZR32LG330F128R60G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R60G-B0R SILABS-EZR32LG330F128R60G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R61G-B0 SILABS-EZR32LG330F128R61G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Similar Description - EZR32LG330

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com