Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI513 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI513
Description  DUAL FREQUENCY CRYSTAL OSCILLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI513 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI513 Datasheet HTML 2Page - Silicon Laboratories SI513 Datasheet HTML 3Page - Silicon Laboratories SI513 Datasheet HTML 4Page - Silicon Laboratories SI513 Datasheet HTML 5Page - Silicon Laboratories SI513 Datasheet HTML 6Page - Silicon Laboratories SI513 Datasheet HTML 7Page - Silicon Laboratories SI513 Datasheet HTML 8Page - Silicon Laboratories SI513 Datasheet HTML 9Page - Silicon Laboratories SI513 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si512/513
6
Rev. 1.0
Table 3. Output Clock Levels and Symmetry
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
CMOS Output Logic
High
VOH
0.85 x VDD
——
V
CMOS Output Logic
Low
VOL
0.15 x VDD
V
CMOS Output Logic
High Drive
IOH
3.3 V
–8
mA
2.5 V
–6
mA
1.8 V
–4
mA
CMOS Output Logic
Low Drive
IOL
3.3 V
8
mA
2.5 V
6
mA
1.8 V
4
mA
CMOS Output Rise/Fall
Time
(20 to 80% VDD)
TR/TF
0.1 to 125 MHz,
CL = 15 pF
—0.8
1.2
ns
0.1 to 212.5 MHz,
CL = no load
—0.6
0.9
ns
LVPECL/HCSL Output
Rise/Fall Time
(20 to 80% VDD)
TR/TF
——
565
ps
LVDS Output Rise/Fall
Time
(20 to 80% VDD)
TR/TF
——
800
ps
LVPECL Output
Common Mode
VOC
50
 to VDD – 2 V,
single-ended
—VDD
1.4 V
—V
LVPECL Output Swing
VO
50
 to VDD – 2 V,
single-ended
0.55
0.8
0.90
VPPSE
LVDS Output Common
Mode
VOC
100
 line-line, VDD = 3.3/2.5 V
1.13
1.23
1.33
V
100
 line-line, VDD = 1.8 V
0.83
0.92
1.00
V
LVDS Output Swing
VO
Single-ended, 100
 differential
termination
0.25
0.35
0.45
VPPSE
HCSL Output Common
Mode
VOC
50
to ground
0.35
0.38
0.42
V
HCSL Output Swing
VO
Single-ended
0.58
0.73
0.85
VPPSE
Duty Cycle
DC
All Output Formats
48
50
52
%


Similar Part No. - SI513

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si513 SILABS-Si513 Datasheet
1Mb / 20P
   Two selectable output frequencies
More results

Similar Description - SI513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3D085 RENESAS-IDT8N3D085 Datasheet
735Kb / 20P
   LVPECL Dual Frequency Programmable Crystal Oscillator
DECEMBER 14, 2012
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW19M12WA NDK-NW19M12WA_11 Datasheet
275Kb / 1P
   Frequency Controlled Crystal Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Vectron International, ...
FX-401 VECTRON-FX-401 Datasheet
1Mb / 8P
   Frequency Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com