Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2761 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV2761
Description  Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2761 Datasheet(HTML) 7 Page - Supertex, Inc

  HV2761 Datasheet HTML 1Page - Supertex, Inc HV2761 Datasheet HTML 2Page - Supertex, Inc HV2761 Datasheet HTML 3Page - Supertex, Inc HV2761 Datasheet HTML 4Page - Supertex, Inc HV2761 Datasheet HTML 5Page - Supertex, Inc HV2761 Datasheet HTML 6Page - Supertex, Inc HV2761 Datasheet HTML 7Page - Supertex, Inc HV2761 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV2761
Supertex inc.
www.supertex.com
Doc.# DSFP-HV2761
NR010913
Pin
Function
1
VPP
2
NC
3
GND
4
CLR
5
LE
6
CLK
7
VDD
8
GND
9
DIN
10
DOUT
11
NC
12
VNN
Pin
Function
13
SW0
14
Y0
15
SW1
16
SW2
17
SW3
18
Y1
19
SW4
20
SW5
21
SW6
22
Y2
23
SW7
24
SW8
Pin
Function
25
VPP
26
RGND
27
SW9
28
Y3
29
SW10
30
SW11
31
SW12
32
SW13
33
Y4
34
SW14
35
RGND
36
VNN
Pin
Function
37
SW15
38
SW16
39
Y5
40
SW17
41
SW18
42
SW19
43
Y6
44
SW20
45
SW21
46
SW22
47
Y7
48
SW23
Pin Function


Similar Part No. - HV2761

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV2762GA-G MICROCHIP-HV2762GA-G Datasheet
614Kb / 16P
   Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
More results

Similar Description - HV2761

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com