Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI597 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI597
Description  QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI597 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI597 Datasheet HTML 1Page - Silicon Laboratories SI597 Datasheet HTML 2Page - Silicon Laboratories SI597 Datasheet HTML 3Page - Silicon Laboratories SI597 Datasheet HTML 4Page - Silicon Laboratories SI597 Datasheet HTML 5Page - Silicon Laboratories SI597 Datasheet HTML 6Page - Silicon Laboratories SI597 Datasheet HTML 7Page - Silicon Laboratories SI597 Datasheet HTML 8Page - Silicon Laboratories SI597 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Si597
Rev. 1.0
5
Table 8. Environmental Compliance and Package Information
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solder Heat
MIL-STD-883, Method 2036
Moisture Sensitivity Level
J-STD-020, MSL1
Contact Pads
Gold over Nickel
Table 9. Thermal Characteristics
(Typical values TA = 25 ºC, VDD =3.3 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient
JA
Still Air
84.6
°C/W
Thermal Resistance Junction to Case
JC
Still Air
38.8
°C/W
Ambient Temperature
TA
–40
85
°C
Junction Temperature
TJ
——
125
°C
Table 10. Absolute Maximum Ratings1
Parameter
Symbol
Rating
Unit
Maximum Operating Temperature
TAMAX
85
ºC
Supply Voltage, 1.8 V Option
VDD
–0.5 to +1.9
V
Supply Voltage, 2.5/3.3 V Option
VDD
–0.5 to +3.8
V
Input Voltage (any input pin)
VI
–0.5 to VDD + 0.3
V
Storage Temperature
TS
–55 to +125
ºC
ESD Sensitivity (HBM, per JESD22-A114)
ESD
2000
V
Soldering Temperature (Pb-free profile)2
TPEAK
260
ºC
Soldering Temperature Time @ TPEAK (Pb-free profile)
2
tP
20–40
seconds
Notes:
1. Stresses beyond those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional
operation or specification compliance is not implied at these conditions. Exposure to maximum rating conditions for
extended periods may affect device reliability.
2. The device is compliant with JEDEC J-STD-020C. Refer to Si5xx Packaging FAQ available for download at
www.silabs.com/VCXO for further information, including soldering profiles.


Similar Part No. - SI597

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Vishay Siliconix
SI5975DC VISHAY-SI5975DC Datasheet
103Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI5975DC VISHAY-SI5975DC Datasheet
115Kb / 5P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI5975DC-T1 VISHAY-SI5975DC-T1 Datasheet
103Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI5975DC VISHAY-SI5975DC_V01 Datasheet
115Kb / 5P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI597

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Skyworks Solutions Inc.
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
logo
TEMEX
RCV7050P TEMEX-RCV7050P Datasheet
751Kb / 8P
   SMD Selectable Frequency Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW19M12WA NDK-NW19M12WA_11 Datasheet
275Kb / 1P
   Frequency Controlled Crystal Oscillator
logo
Vectron International, ...
FX-401 VECTRON-FX-401 Datasheet
1Mb / 8P
   Frequency Controlled Crystal Oscillator
FX-501 VECTRON-FX-501 Datasheet
1Mb / 5P
   Frequency Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW34M25WA NDK-NW34M25WA_11 Datasheet
333Kb / 1P
   Frequency Controlled Crystal Oscillator
NW34M25WA NDK-NW34M25WA Datasheet
82Kb / 1P
   Frequency Controlled Crystal Oscillator (FCXO)
NW36M25LA NDK-NW36M25LA Datasheet
85Kb / 1P
   Frequency Controlled Crystal Oscillator (FCXO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com