Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPH0645LM4H-B Datasheet(PDF) 11 Page - Knowles Electronics

Part # SPH0645LM4H-B
Description  I2S Output Digital Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPH0645LM4H-B Datasheet(HTML) 11 Page - Knowles Electronics

Back Button SPH0645LM4H-B Datasheet HTML 4Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 5Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 6Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 7Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 8Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 9Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 10Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 11Page - Knowles Electronics SPH0645LM4H-B Datasheet HTML 12Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
knowles.com
Datasheet SPH0645LM4H-B Rev B
Recommended Reflow Profile
Time 25°C to Peak
Ramp-down
Ramp-up
TSMIN
TSMAX
TL
TP
tL
tP
tS Preheat
Time
25°C
Notes:
Based on IPC/JDEC J-STD-020 Revision C.
All temperatures refer to topside of the package, measured on the package body surface
Profile Feature
PH-Free
Average Ramp-up rate (TSMAX to TP)
3°C/second max.
Preheat
Temperature Min (TSMIN)
Temperature Max (TSMAX)
Time (TSMIN to TSMAX) (tS)
150°C
200°C
60–180 seconds
Time maintained above:
Temperature (TL)
Time (tL)
217°C
60–150 seconds
Peak Temperature (TP)
260°C
Time within 5°C of actual Peak Temperature (tP)
20–40 seconds
Ramp-down rate (TP to TSMAX)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max
Additional Notes
(A)
MSL (moisture sensitivity level) Class 1.
(B)
Maximum of 3 reflow cycles is recommended.
(C)
In order to minimize device damage:
• Do not board wash or clean after the reflow process.
• Do not brush board with or without solvents after the reflow process.
• Do not directly expose to ultrasonic processing, welding, or cleaning.
• Do not insert any object in port hole of device at any time.
• Do not apply over 30 psi of air pressure into the port hole.
• Do not pull a vacuum over port hole of the microphone.
• Do not apply a vacuum when repacking into sealed bags at a rate faster than 0.5 atm/sec.


Similar Part No. - SPH0645LM4H-B

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPH0641LM4H-1 KNOWLES-SPH0641LM4H-1 Datasheet
147Kb / 1P
   Mics on Flex, 2 Pack, SPH0641LM4H-1, MORELLO, Bottom Port PDM
SPH0641LU4H-1 KNOWLES-SPH0641LU4H-1 Datasheet
921Kb / 15P
   Digital Zero-Height SiSonicTM Microphone With Multi-Mode And Ultrasonic Support
SPH0644LM4H-1 KNOWLES-SPH0644LM4H-1 Datasheet
1Mb / 11P
   MULTIMODE DIGITAL BOTTOM PORT SISONIC MICROPHONE
More results

Similar Description - SPH0645LM4H-B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-43432 TDK-ICS-43432 Datasheet
290Kb / 20P
   Low?륬oise Microphone with I2S Digital Output
ICS-43434 TDK-ICS-43434 Datasheet
730Kb / 21P
   Multi-Mode Microphone with I2S Digital Output
logo
Analog Devices
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
logo
TDK Electronics
AN-000088 TDK-AN-000088 Datasheet
146Kb / 3P
   I2S Output MEMS Microphone Flex Evaluation Board
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
FAN3852 ONSEMI-FAN3852 Datasheet
766Kb / 10P
   Microphone Pre-Amplifier with Digital Output
June, 2019 ??Rev. 3
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
TDK Electronics
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
   Low-Noise Microphone with TDM Digital Output
ICS-41352 TDK-ICS-41352 Datasheet
531Kb / 22P
   Bottom Port PDM Digital Output Multi-Mode Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com