Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03318RHSR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318RHSR
Description  Ultra-Low-Noise Jitter Clock Generator Family
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318RHSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK03318RHSR Datasheet HTML 3Page - Texas Instruments LMK03318RHSR Datasheet HTML 4Page - Texas Instruments LMK03318RHSR Datasheet HTML 5Page - Texas Instruments LMK03318RHSR Datasheet HTML 6Page - Texas Instruments LMK03318RHSR Datasheet HTML 7Page - Texas Instruments LMK03318RHSR Datasheet HTML 8Page - Texas Instruments LMK03318RHSR Datasheet HTML 9Page - Texas Instruments LMK03318RHSR Datasheet HTML 10Page - Texas Instruments LMK03318RHSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
LMK03318
www.ti.com
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
8.5 Thermal Information
LMK0331
8
THERMAL METRIC(1)
CONDITION
UNIT
RHA
QFN-48
Junction-to-ambient thermal
RθJA
10-layer 200 mm x 250 mm board, 36 thermal vias, Airflow = 0 LFM
10
°C/W
resistance
Junction-to-board characterization
ψJB
10-layer 200 mm x 250 mm board, 36 thermal vias, Airflow = 0 LFM
2.8
°C/W
parameter
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.6 Electrical Characteristics - Power Supply
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Primary input (differential or single ended) - active
10
Secondary input (differential or single ended) - active
10
Secondary input (XO) - active
11
Core current consumption,
lDD
mA
per block
PLL doubler - active
4
PLL block – active
110
Control block
53
Output channel (MUX and Divider only) – active
46
AC-LVDS driver (one pair)
10
AC-coupled to 100
Ω differential
AC-LVPECL driver (one pair), AC-coupled to 100
Ω
18
differential
AC-CML driver (one pair), AC-coupled to 100
Ω
Output current
16
IDDO
differential
mA
consumption, per block
HCSL driver (one pair)
25
50
Ω to GND
1.8-V LVCMOS driver (two outputs), 100 MHz, 5-pF
10
load(2)
3.3-V LVCMOS driver on STATUS0, STATUS1, 100
21
MHz, 5-pF load(2)
IDD_IN
Inputs:
48
65
mA
- PRI input enabled, set to LVDS mode
IDD_PLL
128
158
mA
- SEC input enabled, set to crystal mode
IDD_LDO
15
30
mA
- Input MUX set to auto select
- Reference clock is 25 MHz
IDD_DIG
19
38
mA
- R dividers set to 1
IDDO_01
85
105
mA
PLL:
- M divider = 1
IDDO_23
85
105
mA
- Doubler enabled
IDDO_4
58
75
mA
- ICP = 6.4 mA
Current consumption, per
- Loop bandwidth = 400 kHz
IDDO_5
58
75
mA
supply pin
- VCO Frequency = 5 GHz
IDDO_6
58
75
mA
- Feedback divider = 100
- Post divider = 8
Outputs:
- OUT[0-7] = 156.25 MHz LVPECL
- STATUS1: Loss of lock PLL
IDDO_7
58
75
mA
- STATUS0: Loss of secondary reference
Power Supplies:
- VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V
- VDDO_xx = 3.3 V
IDD-PD
Total device, LMK03318
Power down (PDN = 0)
30
50
mA
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
PTOTAL = PDC + PAC, where: PDC = 3.4 mA typical. PAC = C × V
2 × f
OUT.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMK03318


Similar Part No. - LMK03318RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
LMK03328RHSR TI1-LMK03328RHSR Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328RHST TI1-LMK03328RHST Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results

Similar Description - LMK03318RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
   NG Ultra Low Jitter HCSL Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com