Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03318RHSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318RHSR
Description  Ultra-Low-Noise Jitter Clock Generator Family
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318RHSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK03318RHSR Datasheet HTML 5Page - Texas Instruments LMK03318RHSR Datasheet HTML 6Page - Texas Instruments LMK03318RHSR Datasheet HTML 7Page - Texas Instruments LMK03318RHSR Datasheet HTML 8Page - Texas Instruments LMK03318RHSR Datasheet HTML 9Page - Texas Instruments LMK03318RHSR Datasheet HTML 10Page - Texas Instruments LMK03318RHSR Datasheet HTML 11Page - Texas Instruments LMK03318RHSR Datasheet HTML 12Page - Texas Instruments LMK03318RHSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
LMK03318
www.ti.com
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
8.8 Non-Pullable Crystal Characteristics (SECREF_P, SECREF_N)
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fXTAL
Crystal frequency
Fundamental mode
10
52
MHz
ESR
Equivalent series resistance
fXTAL = 10 MHz to 16 MHz
60
Ω
fXTAL = 16 MHz to 30 MHz
50
fXTAL = 30 MHz to 52 MHz
30
PXTAL
Crystal maximum drive level
300
uW
CXO
On-Chip XO input capacitance Single-ended, each pin referenced to
14
24
pF
at Xi and Xo
GND
Con-chip-5p-load
On-chip tunable capacitor
Frequency accuracy of crystal over
450
fF
variation over VT across
temperature, aging and initial accuracy
crystal load of 5 pF
< ± 25 ppm.
Con-chip-12p-load
On-chip tunable capacitor
Frequency accuracy of crystal over
1.5
pF
variation over VT across
temperature, aging and initial accuracy
crystal load of 12 pF
< ± 25 ppm.
(1)
Parameter is specified by characterization and is not tested in production.
(2)
Using a crystal with higher ESR can degrade XO phase noise and may impact crystal start-up.
(3)
Verified with crystals specified for a load capacitance of CL = 9 pF. PCB stray capacitance was measured to be 1 pF. Crystal tested: 25
MHz TXC (part number: 7M25072001).
8.9 Clock Input Characteristics (PRIREF_P/PRIREF_N, SECREF_P/SECREF_N)
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
85°C
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLK
Input frequency range
1
300
MHz
VIH
(2)
LVCMOS input high voltage
PRI_REF
1.4
VDD_IN
V
VIH
(2)
LVCMOS input high voltage
SEC_REF
1.4
2.6
V
VIL
(2)
LVCMOS input low voltage
0
0.5
V
VID,DIFF,PP
Input voltage swing,
Differential input (where VCLK – VnCLK = |VID| × 2)
0.2
2
V
differential peak-peak
VICM
Input common mode voltage
Differential input
0.1
2
V
dV/dt(3)
Input edge slew rate (20% to
Differential input, peak-peak
0.5
V/ns
80%)
Single-ended input, non-driven input tied to GND
0.5
V/ns
IDC(3)
Input clock duty cycle
40%
60%
IIN
Input leakage current
–100
100
µA
CIN
Input capacitance
Single-ended, each pin
2
pF
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Slew-rate-detect circuitry must be used when VIH > 1.7 V and VIL < 0.2 V. VIH/VIL detect circuitry must be used when VIH > 1.5 V and VIL
< 0.4 V. Refer to REFDETCTL Register; R25 for relevant register information.
(3)
Ensured by characterization.
8.10 VCO Characteristics
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fVCO
Frequency range
4.8
5.4
GHz
KVCO
VCO Gain
55
MHz/V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMK03318


Similar Part No. - LMK03318RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
LMK03328RHSR TI1-LMK03328RHSR Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328RHST TI1-LMK03328RHST Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results

Similar Description - LMK03318RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
   NG Ultra Low Jitter HCSL Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com