Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03318RHST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318RHST
Description  Ultra-Low-Noise Jitter Clock Generator Family
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318RHST Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK03318RHST Datasheet HTML 2Page - Texas Instruments LMK03318RHST Datasheet HTML 3Page - Texas Instruments LMK03318RHST Datasheet HTML 4Page - Texas Instruments LMK03318RHST Datasheet HTML 5Page - Texas Instruments LMK03318RHST Datasheet HTML 6Page - Texas Instruments LMK03318RHST Datasheet HTML 7Page - Texas Instruments LMK03318RHST Datasheet HTML 8Page - Texas Instruments LMK03318RHST Datasheet HTML 9Page - Texas Instruments LMK03318RHST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
LMK03318
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage for input, synthesizer, control, and output blocks, VDD_IN, VDD_PLL, VDD_LDO,
–0.3
3.6
V
VDD_DIG, VDDO_x
Input voltage range, clock and logic inputs, VIN
–0.3
VDD +0.3
V
Output voltage range for clock and logic outputs, VOUT
–0.3
VDD + 0.3
V
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute mAximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
± 2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
± 500
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage for input, analog, control blocks, VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG
3.135
3.3
3.465
V
1.8
Supply voltage for output drivers (Differential, LVCMOS), VDDO_x
1.7
2.5
3.465
V
3.3
Ambient temperature, TA
-40
25
85
°C
Junction temperature, TJ
125
°C
Maximum VDD power-up ramp, dVDD/dt
0.1
100
ms
EEPROM number of writes, WR
100
8.4 Thermal Information
LMK03318 (2) (3) (4)
RHA
THERMAL METRIC(1)
UNIT
QFN-48
Airflow (LFM) 0
Airflow (LFM) 200
Airflow (LFM) 400
RθJA
Junction-to-ambient thermal resistance
26.47
16.4
14.62
RθJC(top) Junction-to-case (top) thermal resistance
16.57
n/a
n/a
RθJB
Junction-to-board thermal resistance
6.84
n/a
n/a
°C/W
ψJT
Junction-to-top characterization parameter
0.23
0.31
0.47
ψJB
Junction-to-board characterization parameter
4.02
3.86
3.84
RθJC(bot) Junction-to-case (bottom) thermal resistance
1.06
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal resistance is calculated on a 4 layer JEDEC board.
(3)
Package DAP connected to PCB GND plane with 16 thermal vias (0.3 mm diameter).
(4)
ψJB (junction to board) is used when the main heat flow is from the junction to the GND pad. Please refer to Thermal Considerations
section for more information on ensuring good system reliability and quality.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK03318


Similar Part No. - LMK03318RHST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
LMK03328RHSR TI1-LMK03328RHSR Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328RHST TI1-LMK03328RHST Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results

Similar Description - LMK03318RHST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
   NG Ultra Low Jitter HCSL Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com