Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03328RHSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03328RHSR
Description  Ultra-Low Jitter Clock Generator
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03328RHSR Datasheet(HTML) 4 Page - Texas Instruments

  LMK03328RHSR Datasheet HTML 1Page - Texas Instruments LMK03328RHSR Datasheet HTML 2Page - Texas Instruments LMK03328RHSR Datasheet HTML 3Page - Texas Instruments LMK03328RHSR Datasheet HTML 4Page - Texas Instruments LMK03328RHSR Datasheet HTML 5Page - Texas Instruments LMK03328RHSR Datasheet HTML 6Page - Texas Instruments LMK03328RHSR Datasheet HTML 7Page - Texas Instruments LMK03328RHSR Datasheet HTML 8Page - Texas Instruments LMK03328RHSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 153 page
background image
36
35
34
33
28
27
26
29
25
30
31
32
1
2
3
4
5
6
7
8
9
10
11
12
STATUS1
CAP_DIG
GPIO0
SDA
LF2
CAP_PLL2
GPIO5
GPIO2
GPIO4
SCL
REFSEL
STATUS0
PRIREF_N
VDD_IN
PRIREF_P
GPIO3
HW_SW_CTRL
CAP_PLL1
VDD_PLL2
SECREF_P
SECREF_N
VDD_DIG
VDD_PLL1
LF1
4
LMK03328
SNAS668A – AUGUST 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMK03328
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Pin Configuration and Functions
RHS
QFN-48
Top View
Pin Functions
NO.
NAME
TYPE
DESCRIPTION
POWER
n/a
DAP
Ground
Die Attach Pad.
The DAP is an electrical connection and provides a thermal dissipation path. For proper
electrical and thermal performance of the device, a 6x6 via pattern (0.3 mm holes) is
recommended to connect the DAP to PCB ground layers. Refer to Layout Guidelines.
4
VDD_DIG
Analog
3.3 V Power Supply for Digital Control and STATUS outputs.
5
VDD_IN
Analog
3.3 V Power Supply for Input Block.
18
VDDO_01
Analog
1.8 V / 2.5 V / 3.3 V Power Supply for OUT0/OUT1 channel.
19
VDDO_23
Analog
1.8 V / 2.5 V / 3.3 V Power Supply for OUT2/OUT3 channel.
27
VDD_PLL2
Analog
3.3 V Power Supply for PLL2.
36
VDD_PLL1
Analog
3.3 V Power Supply for PLL1.
37
VDDO_4
Analog
1.8 V / 2.5 V / 3.3 V Power Supply for OUT4 channel.
40
VDDO_5
Analog
1.8 V / 2.5 V / 3.3 V Power Supply for OUT5 channel.
43
VDDO_6
Analog
1.8 V / 2.5 V / 3.3 V Power Supply for OUT6 channel.
46
VDDO_7
Analog
1.8 V / 2.5 V / 3.3 V Power Supply for OUT7 channel.
INPUT BLOCK


Similar Part No. - LMK03328RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
More results

Similar Description - LMK03328RHSR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
   NG Ultra Low Jitter HCSL Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03806 TI1-LMK03806_15 Datasheet
1Mb / 66P
[Old version datasheet]   Ultra Low Jitter Clock Generator With 14 Programmable Outputs
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
logo
Renesas Technology Corp
8V41NS0412 RENESAS-8V41NS0412 Datasheet
1Mb / 49P
   FemtoClock® NG Ultra Low Jitter HCSL Clock Generator
August 27, 2020
logo
Texas Instruments
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
[Old version datasheet]   Ultra Low Jitter Clock Generator with 14 Programmable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com