Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA2214SYSK Datasheet(PDF) 5 Page - Kingbright Corporation

Part # AA2214SYSK
Description  2.2x1.4mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA2214SYSK Datasheet(HTML) 5 Page - Kingbright Corporation

  AA2214SYSK Datasheet HTML 1Page - Kingbright Corporation AA2214SYSK Datasheet HTML 2Page - Kingbright Corporation AA2214SYSK Datasheet HTML 3Page - Kingbright Corporation AA2214SYSK Datasheet HTML 4Page - Kingbright Corporation AA2214SYSK Datasheet HTML 5Page - Kingbright Corporation AA2214SYSK Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAK2207
REV NO: V.4B
DATE: APR/25/2015
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1201005727
AA2214SYSK
Reflow soldering is recommended and the soldering profile is shown below.
Other soldering methods are not recommended as they might cause damage to the product.
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Reel Dimension
Tape Dimensions
(Units : mm)


Similar Part No. - AA2214SYSK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA2214SYSK TO-GRACE-AA2214SYSK Datasheet
420Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
logo
Kingbright Corporation
AA2214SYSK-AMT KINGBRIGHT-AA2214SYSK-AMT Datasheet
327Kb / 5P
   2.2 x 1.4 mm Surface Mount LED Lamp
More results

Similar Description - AA2214SYSK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2214QWS-D KINGBRIGHT-AA2214QWS-D Datasheet
273Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214VR4D1S KINGBRIGHT-AA2214VR4D1S Datasheet
276Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214CGSK KINGBRIGHT-AA2214CGSK Datasheet
268Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SURSK KINGBRIGHT-AA2214SURSK Datasheet
270Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SESK KINGBRIGHT-AA2214SESK Datasheet
297Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214QBS-D-AMT KINGBRIGHT-AA2214QBS-D-AMT Datasheet
332Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214ZGSK KINGBRIGHT-AA2214ZGSK Datasheet
277Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com