Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKG1J152MESABK Datasheet(PDF) 6 Page - Nichicon corporation

Part # LKG1J152MESABK
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG1J152MESABK Datasheet(HTML) 6 Page - Nichicon corporation

  LKG1J152MESABK Datasheet HTML 1Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 2Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 3Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 4Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 5Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 6Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 7Page - Nichicon corporation LKG1J152MESABK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
352
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Snap-in Terminal Type : Grade TYPE-3)
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
20 × 20
22 × 20
20 × 25
25 × 20
22 × 25
20 × 30
30 × 20
20 × 35
25 × 25
20 × 40
25 × 30
35 × 20
20 × 50
22 × 45
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
35 × 40
35 × 45
0.90
0.95
1.10
1.10
1.20
1.35
1.35
1.75
1.75
2.00
2.00
1.95
2.30
2.30
2.35
2.35
2.75
2.70
2.70
2.60
2.90
2.90
3.20
3.20
3.15
3.35
3.30
3.50
3.70
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG1C102MESYCK
LKG1C122MESZCK
LKG1C152MESYCK
LKG1C152MESACK
LKG1C182MESZCK
LKG1C222MESYCK
LKG1C222MESBCK
LKG1C272MESYCK
LKG1C272MESACK
LKG1C332MESYCK
LKG1C332MESACK
LKG1C332MESCCK
LKG1C392MESYCK
LKG1C392MESZCK
LKG1C392MESACK
LKG1C392MESBCK
LKG1C472MESZCK
LKG1C472MESACK
LKG1C472MESBCK
LKG1C472MESCCK
LKG1C562MESACK
LKG1C562MESBCK
LKG1C682MESACK
LKG1C682MESBCK
LKG1C682MESCCK
LKG1C822MESBCK
LKG1C822MESCCK
LKG1C103MESCCK
LKG1C123MESCCK
16V(1C)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
25 × 30
20 × 45
22 × 40
30 × 25
35 × 20
20 × 50
22 × 45
25 × 35
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
0.85
0.85
1.05
1.00
1.45
1.45
1.40
1.40
1.55
1.55
1.50
1.80
1.75
1.75
1.70
2.00
1.95
1.95
1.95
2.35
2.30
2.30
2.70
2.70
2.65
3.00
3.00
3.55
3.55
3.80
4.15
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
LKG1V821MESYCK
LKG1V821MESACK
LKG1V102MESYCK
LKG1V102MESZCK
LKG1V122MESYCK
LKG1V122MESZCK
LKG1V122MESACK
LKG1V122MESBCK
LKG1V152MESYCK
LKG1V152MESZCK
LKG1V152MESACK
LKG1V182MESYCK
LKG1V182MESZCK
LKG1V182MESBCK
LKG1V182MESCCK
LKG1V222MESYCK
LKG1V222MESZCK
LKG1V222MESACK
LKG1V222MESBCK
LKG1V272MESACK
LKG1V272MESBCK
LKG1V272MESCCK
LKG1V332MESACK
LKG1V332MESBCK
LKG1V332MESCCK
LKG1V392MESBCK
LKG1V392MESCCK
LKG1V472MESBCK
LKG1V472MESCCK
LKG1V562MESCCK
LKG1V682MESCCK
35V(1V)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
20 × 30
22 × 25
22 × 30
25 × 25
30 × 20
20 × 35
20 × 40
25 × 30
30 × 25
35 × 20
20 × 50
22 × 45
25 × 35
30 × 30
22 × 50
25 × 40
35 × 25
25 × 50
30 × 35
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
1.05
1.00
1.40
1.35
1.35
1.80
1.95
1.95
1.90
1.90
2.20
2.20
2.15
2.15
2.45
2.45
2.40
2.65
2.60
2.60
3.00
2.95
3.30
3.25
3.50
3.90
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
LKG1H681MESYCK
LKG1H681MESZCK
LKG1H821MESZCK
LKG1H821MESACK
LKG1H821MESBCK
LKG1H102MESYCK
LKG1H122MESYCK
LKG1H122MESACK
LKG1H122MESBCK
LKG1H122MESCCK
LKG1H152MESYCK
LKG1H152MESZCK
LKG1H152MESACK
LKG1H152MESBCK
LKG1H182MESZCK
LKG1H182MESACK
LKG1H182MESCCK
LKG1H222MESACK
LKG1H222MESBCK
LKG1H222MESCCK
LKG1H272MESBCK
LKG1H272MESCCK
LKG1H332MESBCK
LKG1H332MESCCK
LKG1H392MESCCK
LKG1H472MESCCK
50V(1H)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
20 × 20
22 × 20
25 × 20
20 × 25
20 × 30
30 × 20
20 × 35
25 × 25
20 × 40
22 × 35
25 × 30
30 × 25
35 × 20
20 × 50
22 × 45
25 × 35
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
30 × 40
35 × 30
30 × 45
35 × 35
35 × 40
35 × 45
0.65
0.75
0.95
1.20
1.30
1.30
1.60
1.55
1.85
1.85
1.80
1.80
1.75
2.20
2.20
2.15
2.50
2.45
2.40
2.45
2.80
2.80
3.25
3.15
3.50
3.50
3.80
4.00
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
LKG1E681MESYCK
LKG1E821MESZCK
LKG1E102MESACK
LKG1E122MESYCK
LKG1E152MESYCK
LKG1E152MESBCK
LKG1E182MESYCK
LKG1E182MESACK
LKG1E222MESYCK
LKG1E222MESZCK
LKG1E222MESACK
LKG1E222MESBCK
LKG1E222MESCCK
LKG1E272MESYCK
LKG1E272MESZCK
LKG1E272MESACK
LKG1E332MESZCK
LKG1E332MESACK
LKG1E332MESBCK
LKG1E332MESCCK
LKG1E392MESACK
LKG1E392MESBCK
LKG1E472MESBCK
LKG1E472MESCCK
LKG1E562MESBCK
LKG1E562MESCCK
LKG1E682MESCCK
LKG1E822MESCCK
25V(1E)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120Hz


Similar Description - LKG1J152MESABK

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com