Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKG1J182MESBBK Datasheet(PDF) 7 Page - Nichicon corporation

Part # LKG1J182MESBBK
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG1J182MESBBK Datasheet(HTML) 7 Page - Nichicon corporation

  LKG1J182MESBBK Datasheet HTML 1Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 2Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 3Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 4Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 5Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 6Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 7Page - Nichicon corporation LKG1J182MESBBK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
353
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Snap-in Terminal Type : Grade TYPE-3)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
20 × 30
22 × 25
30 × 20
20 × 35
22 × 30
25 × 25
20 × 40
22 × 35
25 × 30
20 × 45
22 × 40
30 × 25
35 × 20
22 × 45
25 × 35
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
30 × 45
35 × 30
30 × 50
35 × 35
35 × 40
35 × 50
1.75
1.75
1.90
1.90
1.90
1.85
2.10
2.05
2.00
2.35
2.25
2.20
2.30
2.60
2.65
2.90
2.90
2.90
2.75
3.25
3.20
3.30
3.65
3.80
4.00
4.30
4.50
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
0.22
LKG1J681MESYCK
LKG1J681MESZCK
LKG1J681MESBCK
LKG1J821MESYCK
LKG1J821MESZCK
LKG1J821MESACK
LKG1J102MESYCK
LKG1J102MESZCK
LKG1J102MESACK
LKG1J122MESYCK
LKG1J122MESZCK
LKG1J122MESBCK
LKG1J122MESCCK
LKG1J152MESZCK
LKG1J152MESACK
LKG1J182MESZCK
LKG1J182MESACK
LKG1J182MESBCK
LKG1J182MESCCK
LKG1J222MESACK
LKG1J222MESBCK
LKG1J272MESBCK
LKG1J272MESCCK
LKG1J332MESBCK
LKG1J332MESCCK
LKG1J392MESCCK
LKG1J472MESCCK
63V(1J)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
680
820
1000
1200
1500
1800
2200
22 × 45
25 × 35
22 × 50
25 × 40
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
2.65
2.70
3.00
3.00
3.00
2.85
3.10
3.30
3.05
3.60
3.30
3.90
3.75
4.15
4.75
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
LKG2A681MESZCK
LKG2A681MESACK
LKG2A821MESZCK
LKG2A821MESACK
LKG2A821MESBCK
LKG2A821MESCCK
LKG2A102MESACK
LKG2A102MESBCK
LKG2A102MESCCK
LKG2A122MESBCK
LKG2A122MESCCK
LKG2A152MESBCK
LKG2A152MESCCK
LKG2A182MESCCK
LKG2A222MESCCK
100V(2A)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
680
820
1000
1200
1500
1800
2200
2700
3300
20 × 45
22 × 35
25 × 30
20 × 50
22 × 40
25 × 35
30 × 25
35 × 20
22 × 50
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
2.10
2.25
2.15
2.40
2.45
2.35
2.40
2.55
2.60
2.60
2.60
2.85
2.80
2.95
3.30
3.20
3.25
3.55
3.50
4.05
3.90
4.45
5.05
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
LKG1K681MESYCK
LKG1K681MESZCK
LKG1K681MESACK
LKG1K821MESYCK
LKG1K821MESZCK
LKG1K821MESACK
LKG1K821MESBCK
LKG1K821MESCCK
LKG1K102MESZCK
LKG1K102MESACK
LKG1K102MESBCK
LKG1K122MESACK
LKG1K122MESBCK
LKG1K122MESCCK
LKG1K152MESACK
LKG1K152MESBCK
LKG1K152MESCCK
LKG1K182MESBCK
LKG1K182MESCCK
LKG1K222MESBCK
LKG1K222MESCCK
LKG1K272MESCCK
LKG1K332MESCCK
80V(1K)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120Hz


Similar Description - LKG1J182MESBBK

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com