Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPES61-10 Datasheet(PDF) 2 Page - Total Power International

Part # TPES61-10
Description  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES61-10 Datasheet(HTML) 2 Page - Total Power International

  TPES61-10 Datasheet HTML 1Page - Total Power International TPES61-10 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 531.0g (18.73 Oz.)
SINGLE OUTPUT
MAIN O/P★@
MODEL NO.
TYP.
VOLT.
TPES61-10
9.0A
5.0Vdc #
TPES61-11
4.2A 12.0Vdc
TPES61-11A
4.0A 13.2Vdc
TPES61-12
3.4A 15.0Vdc
TPES61-13
2.2A 24.0Vdc
TPES61-19
9.0A
3.3Vdc #
DUAL OUTPUT
MAIN O/P VO1@★
AUX. O/P +VO2 † or-VO3 ●
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TPES61-20
7.0A
+5Vdc
9.0A
0.75A
-5Vdc
1.0A
TPES61-21
5.0A
+5Vdc
8.0A
2.00A
+12Vdc
3.0A
TPES61-21A
7.5A
+5Vdc
9.0A
0.50A
+12Vdc
1.0A
TPES61-22
5.0A
+5Vdc
8.0A
1.60A
+15Vdc
2.0A
TPES61-23
5.0A
+5Vdc
8.0A
1.00A
+24Vdc
1.5A
TPES61-25
2.0A
+15Vdc
3.0A
1.70A
+8Vdc
2.0A
TRIPLE OUTPUT
MAIN O/P VO1 ★@
AUX. O/P VO2 †
AUX. O/P VO3 ●
MODEL NO.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TYP.
VOLT.
MAX.
TPES61-30
5.0A
+5Vdc
8.0A
1.50A
+12Vdc
2.0A
0.5A
-12Vdc
1.0A
TPES61-31
5.0A
+5Vdc
8.0A
1.50A
+12Vdc
2.0A
0.8A
-5Vdc
1.0A
TPES61-32
5.0A
+5Vdc
8.0A
0.75A
+24Vdc
1.0A
0.5A
-12Vdc
0.9A
TPES61-33
5.0A
+5Vdc
8.0A
1.50A
+15Vdc
2.0A
0.5A
-5Vdc
1.0A
TPES61-34
5.0A
+5Vdc
8.0A
1.50A
+15Vdc
2.0A
0.2A
-15Vdc
0.4A
Symbol: "†" Stacked on main output. "●" Installed with Post of Regulator (P.R.). "★" OVP built-in.
"#" Remote sense. "@" Adjustable.
Remark: (1) At least 20% of typical main output current is required to maintain stated regulations.
(2) Max. Load (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can’t be drawn from all outputs at the same time.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPES61-10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-090670 TOTAL-POWER-TPES65-090670 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-120520 TOTAL-POWER-TPES65-120520 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-150430 TOTAL-POWER-TPES65-150430 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-180360 TOTAL-POWER-TPES65-180360 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Similar Description - TPES61-10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com