Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPES75-120550-8 Datasheet(PDF) 1 Page - Total Power International

Part # TPES75-120550-8
Description  ACCOMMODATES UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES75-120550-8 Datasheet(HTML) 1 Page - Total Power International

  TPES75-120550-8 Datasheet HTML 1Page - Total Power International TPES75-120550-8 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
TPES75 SERIES
FEATURES:
ACCOMMODATES UNIVERSAL AC SOURCES
DESKTOP IEC320-3PL/2P AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022/FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range 90-264Vac typical.
Input Connector: IEC320-3PL/2P AC receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 26A@120Vac & 55A@230Vac typical.
Input Current: 1.2A @ 120Vac & 0.6A @ 230Vac typical.
Dielectric Withstand: Meet IEC950.
EMI/RFI: Meet EN 55022 & FCC Class B.
Hold-up Time: 16mS @ 115Vac / 72mS @ 230Vac typical.
Constant Current Protection: Installed.
Over Temp. Protection (OTP): Installed.
Earth Leakage: 0.35mA typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 75 Watts typical.
Output Connector & Cord: Optional.
Output LED Indicator: Installed.
Line Regulation: 0.1% typical.
Load Regulation: ± 2-3.0% typical.
Noise & Ripple: 1% typical peak to peak.
OVP: Built-in (latch).
Adjustability: Factory set.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typically set at 115% max. load.
Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: 86-91.5% typical at adapter body.
89% typical at end of 2M 18AWG cable cord.
Switching Frequency: Approximate 72K Hz.
Circuit Topology: Fixed frequency Flyback circuit.
Transient Response: Output voltage returns in less than
0.1mS following a 25% load change.
Safety Standard: UL1950/EN60950 Class I & II.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C typical.
Cooling: Free air convection cooling.
Construction format: Impact resistant thermo-plastic
enclosure. Desktop format.
Power Density: 6.45 Watts / Cubic inch.
In application
Due to requests in market and advances in technology, specifications subject to change without notice.
TOTAL POWER INT'L


Similar Part No. - TPES75-120550-8

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES09 TOTAL-POWER-TPES09 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-1 TOTAL-POWER-TPES09-050160-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-11 TOTAL-POWER-TPES09-050160-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-1 TOTAL-POWER-TPES09-050180-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-11 TOTAL-POWER-TPES09-050180-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
More results

Similar Description - TPES75-120550-8

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com