Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPHBU31-110 Datasheet(PDF) 2 Page - Total Power International

Part # TPHBU31-110
Description  Medical Power Supplies For Health Care Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPHBU31-110 Datasheet(HTML) 2 Page - Total Power International

  TPHBU31-110 Datasheet HTML 1Page - Total Power International TPHBU31-110 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingC rve:
u
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
5%
20W
30W
30W
30W
30W
30W
30W
27W
23W
3%
3%
3%
5%
5%
5%
5%
5%
Note:
1.Dimensionsareshownin
mm.
2.Weight:85gsapprox.
inchesor
3.InputconnectormateswithMolexhousing
09-50-3031andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing
09-50-3041andMolex2478seriescrimpterminal.
TPHBU31-102
5~6VDC
4.00~3.33 A
33~40VDC
0.91~0.76 A
27~33VDC
1.12~0.91 A
21~27VDC
1.43~1.12 A
16~21VDC
1.88~1.43 A
13~16VDC
2.31~1.88 A
11~13VDC
2.72~2.31 A
8~11VDC
3.37~2.45 A
6~8VDC
3.83~2.87 A
TPHBU31-110
TPHBU31-109
TPHBU31-108
TPHBU31-107
TPHBU31-106
TPHBU31-105
TPHBU31-104
TPHBU31-103
30WOpenFrameType
TPHBU31 SERIES
MedicalPowerSuppliesForHealthCare Applications
N
L
1
4
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPHBU31-110

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Topstek Inc.
TPH-25A TOPSTEK-TPH-25A Datasheet
160Kb / 2P
   Highly reliable Hall Effect device
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPHBU31-110

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
HBU60 MPSIND-HBU60 Datasheet
366Kb / 2P
   60W Open frame type medical power supplies for health care applications
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
   30W Desk top type medical power supplies for health care applications
HBU31 MPSIND-HBU31 Datasheet
235Kb / 2P
   30W Open Frame Type Medical Power Supplies For Health Care Applications
logo
Astrodyne Corporation
AHP6301 ASTRODYNE-AHP6301 Datasheet
1Mb / 6P
   63W Medical Power Adapters for Health Care Applications
logo
MPS Industries, Inc.
HPU100 MPSIND-HPU100 Datasheet
421Kb / 2P
   100W Desk top type medical power supplies for health care applications
HPU12A MPSIND-HPU12A Datasheet
312Kb / 2P
   12W Wall mount type medical power supplies For Home health care applications
MPU60A MPSIND-MPU60A Datasheet
174Kb / 2P
   763W Desk Top Swithching Power Supplies For health Care Applications
HPU63B MPSIND-HPU63B Datasheet
231Kb / 2P
   63W Desk Top Swithching Power Supplies For health Care Applications
HPU63A MPSIND-HPU63A Datasheet
312Kb / 2P
   63W Desk Top Swithching Power Supplies For health Care Applications
logo
Tyco Electronics
1EAH1 MACOM-1EAH1 Datasheet
301Kb / 2P
   For UL544 Health Care Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com