Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPHPU15-111 Datasheet(PDF) 2 Page - Total Power International

Part # TPHPU15-111
Description  15W Interchangeable Power Supplies for MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPHPU15-111 Datasheet(HTML) 2 Page - Total Power International

  TPHPU15-111 Datasheet HTML 1Page - Total Power International TPHPU15-111 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:165gsapprox.
5%
7.2W
12W
12W
W
13.5
W
15
W
15
W
15
W
15
W
15
W
15
W
15
W
15
5%
5%
5%
5%
5%
5%
5%
%
3
3%
3%
3%
2.18 A
2.40~1.84 A
1.60~1.50 A
1.80~1.68 A
1.25~1.15 A
1.07~0.93 A
0.88~0.71 A
0.68~0.55 A
0.53~0.45 A
0.44~0.37 A
0.36~0.30 A
0.29~0.27 A
TPHPU15-101~104 arerequiredtouse AWG#18/4FT outputcable.
TPHPU15-105~109arerequiredtouse AWG#20/4FT outputcable.
TPHPU15-110~112arerequiredtouse AWG#22/4FT outputcable.
The
willbechangedbymodifiedoutputcable.
electricalcharacteristics
15WInterchangeablePowerSuppliesforMEDICAL
TPHPU15 SERIES
TPHPU15-101
TPHPU15-102
TPHPU15-103
TPHPU15-104
TPHPU15-105
TPHPU15-106
TPHPU15-107
TPHPU15-108
TPHPU15-109
TPHPU15-110
TPHPU15-111
TPHPU15-112
3.3VDC
5
VDC
~6.5
7.5~8VDC
9~11VDC
12~13VDC
14~16VDC
17~21VDC
22~27VDC
28~33VDC
34~40VDC
41~50VDC
51~55VDC
DeratingCurve:
1.Operating Temperature:-10to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%loadat70°C
0%
-10
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
50
80
100
120
140
160
180
200
220
240
280
60
70
80
90
100
110
InputVoltage(Vac)
Tota
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(U.S.) PH# (978) 453-7272
www.total-power.com
sales@total-power.com


Similar Part No. - TPHPU15-111

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPHPU32A TOTAL-POWER-TPHPU32A Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-102 TOTAL-POWER-TPHPU32A-102 Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-103 TOTAL-POWER-TPHPU32A-103 Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-104 TOTAL-POWER-TPHPU32A-104 Datasheet
359Kb / 2P
   Medical Power Supplies
TPHPU32A-105 TOTAL-POWER-TPHPU32A-105 Datasheet
359Kb / 2P
   Medical Power Supplies
More results

Similar Description - TPHPU15-111

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1501 ASTRODYNE-AHP1501 Datasheet
1Mb / 3P
   15W Medical Power Adapters with Interchangeable Input Plugs
logo
MPS Industries, Inc.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MBU151 MPSIND-MBU151 Datasheet
409Kb / 2P
   15W Open Frame Switching Power Supplies For Medical Equipment
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
logo
Astrodyne Corporation
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
logo
Total Power Internation...
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com