Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3402-EVB Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI3402-EVB
Description  NON-ISOLATED EVALUATION BOARD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3402-EVB Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3402-EVB Datasheet HTML 5Page - Silicon Laboratories SI3402-EVB Datasheet HTML 6Page - Silicon Laboratories SI3402-EVB Datasheet HTML 7Page - Silicon Laboratories SI3402-EVB Datasheet HTML 8Page - Silicon Laboratories SI3402-EVB Datasheet HTML 9Page - Silicon Laboratories SI3402-EVB Datasheet HTML 10Page - Silicon Laboratories SI3402-EVB Datasheet HTML 11Page - Silicon Laboratories SI3402-EVB Datasheet HTML 12Page - Silicon Laboratories SI3402-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Si3402-EVB
Rev. 1.0
9
5. BOM Options
The Si3402 non-isolated EVB has been compensated for eight different output voltage and filter combinations:
3.3 V output standard ESR 1000 µF 6.3 V filter
5 V output standard ESR 1000 µF 6.3 V filter
9 output standard ESR 470 µF 16 V filter
12 V output standard ESR 470 µF 16 V filter
3.3 V output low ESR 560 µF 6.3 V filter
5 V output low ESR 560 µF 6.3 V filter
9 V output low ESR 330 µF 16 V filter
12 V output low ESR 330 µF 16 V filter
For the standard ESR capacitor, the ESR increase at very low temperatures may cause a loop stability issue. A
typical evaluation board has been shown to exhibit instability under very heavy loads at –20 °C. Due to
self-heating, this condition is not a great concern. However, using a low ESR filter capacitor solves this problem
(but requires some re-compensation of the feedback loop). The low ESR capacitor also improves load transient
response and output ripple.
The Si3402 (non–isolated) EVB was designed with a very simple pole-zero compensation consisting of R7 and C7.
Capacitors C19 and C20 can be added in parallel with resistors R6 and R7 for optimized performance.
The standard evaluation board is shipped with C19 and is optimized for a standard ESR filter capacitor for 5 V
output.
The following table gives the options that have been tested for other situations.
VOUT
R6
(To Adjust
Output Voltage)
Filter Cap C5
(Type FM are
Low ESR)
Filter Cap Part
Number
(Panasonic)
R7
C7
C19
C20
3.3 V
4.87 k
1000 µF, 6.3 V
ECA0JM102
21 k
4.7 nF
150 pF
NP
3.3 V
4.87 k
560 µF, 6.3 V
EEUFM0J561
30.1 k
4.7 nF
150 pF
4.7 nF
5.0 V
8.66 k
100 0 µF, 6.3 V
ECA0JM102
30.1 k
3.3 nF
150 pF
NP
5.0 V
8.66 k
560 µF, 6.3 V
EEUFM0J561
30.1 k
3.3 nF
150 pF
3.3 nF
9.0 V
18.2 k
470 µF, 16 V
ECA1CM471
21 k
4.7 nF
150 pF
NP
9.0 V
18.2 k
330 µF, 16 V
EEUFM1C331
30.1 k
4.7 nF
150 pF
3.3 nF
12.0 V
24.9 k
470 µF, 16 V
ECA1CM471
30.1 k
3.3 nF
150 pF
NP
12.0 V
24.9 k
330 µF, 16 V
EEUFM1C331
30.1 k
3.3 nF
150 pF
3.3 nF


Similar Part No. - SI3402-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
SI3402-B-GM SILABS-SI3402-B-GM Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Si3402-B-GM SILABS-Si3402-B-GM Datasheet
65Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI3402-B-GM SKYWORKS-SI3402-B-GM Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
More results

Similar Description - SI3402-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Monolithic Power System...
EV171-J-00A MPS-EV171-J-00A Datasheet
271Kb / 7P
   Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV171-S-00A MPS-EV171-S-00A Datasheet
283Kb / 7P
   Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV163-S-00A MPS-EV163-S-00A Datasheet
1Mb / 12P
   Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
logo
Diodes Incorporated
AL9910EV8 DIODES-AL9910EV8 Datasheet
613Kb / 14P
   Non-Dimmable 120VAC Evaluation Board
logo
Infineon Technologies A...
ICE5BR2280BZ INFINEON-ICE5BR2280BZ Datasheet
1Mb / 23P
   700 mA non-isolated high-voltage buck evaluation board using ICE5BR2280BZ
V 1.0 2022-06-15
logo
Monolithic Power System...
EV163-SE-00A MPS-EV163-SE-00A Datasheet
263Kb / 7P
   Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
logo
Silicon Laboratories
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
logo
Infineon Technologies A...
ICE5BR3995BZ INFINEON-ICE5BR3995BZ Datasheet
2Mb / 31P
   300 mA non-isolated ultra high-voltage buck evaluation board using ICE5BR3995BZ
V 1.1 2022-08-05
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com