Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3454 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI3454
Description  QUAD IEEE 802.3AT POE PSE CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3454 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI3454 Datasheet HTML 1Page - Silicon Laboratories SI3454 Datasheet HTML 2Page - Silicon Laboratories SI3454 Datasheet HTML 3Page - Silicon Laboratories SI3454 Datasheet HTML 4Page - Silicon Laboratories SI3454 Datasheet HTML 5Page - Silicon Laboratories SI3454 Datasheet HTML 6Page - Silicon Laboratories SI3454 Datasheet HTML 7Page - Silicon Laboratories SI3454 Datasheet HTML 8Page - Silicon Laboratories SI3454 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
Si3454
2
Rev. 1.1
Functional Block Diagrams
DC-DC Converter Block Diagram
VDDA
VDD
VDRAINn
Rsn
DRAINn
Measure
AMUX
PGA
Drive
Control
HV
SIO
Temp
Sensor
AMUX
SPI
SRAM
POR
WDT
50MHz
TIMERS
SCL
SDAO
INT
RESET
SDAI
SHDN
Gate
Drive Xn
Detect Xn (/4)
MCU
HVIO
10 Bit
500Khz
Detect
Drive
Gate
Drive
GATEn
SENSEn
Bandgap
C8051
MCU Core
OTP
r
ADC
n
0.25
n
VDD (+3.3V)
Detection MUX
n
KSENSx
VPWR
(+52V)
DGND
Measure
n
n
(NOTE: Only one port shown)
DC-DC
Controller
CAP
SWO
A0
A2
A3
A1
AGND
DCEN
AUTO
ISENSE
VPWR
CAP
SWO
AGND
DCEN
Regulator 4.3V
3.3V
VDDA
The case shown has both the DC-DC converter and series regulator enabled.
To enable ONLY the series regulator, tie SWO to VPWR. External components are unnecessary.
ISENSE


Similar Part No. - SI3454

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3454 FAIRCHILD-SI3454 Datasheet
122Kb / 5P
   N-Channel PowerTrench MOSFET
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
SI3454-B01-IM SKYWORKS-SI3454-B01-IM Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Vishay Siliconix
SI3454ADV VISHAY-SI3454ADV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Mar-04
SI3454ADV-T1 VISHAY-SI3454ADV-T1 Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Mar-04
More results

Similar Description - SI3454

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com