Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5321-G-BC Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI5321-G-BC
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5321-G-BC Datasheet(HTML) 5 Page - Silicon Laboratories

  SI5321-G-BC Datasheet HTML 1Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 2Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 3Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 4Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 5Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 6Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 7Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 8Page - Silicon Laboratories SI5321-G-BC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Si5321
Rev. 2.5
5
Figure 1. CLKIN Voltage Characteristics
Figure 2. Rise/Fall Time Measurement
Figure 3. Transitionless Period on CLKIN for Detecting a LOS Condition
N ote: W hen using single-ended clock sources, the unused clock
input on the Si5321 m ust be ac-coupled to ground.
0.5 V
ID
CLKIN+
CLKIN–
(C LKIN +) – (C LKIN –)
V
ID
B. O peration with D ifferential C lock Input
V
IS
A. O peration with Single-Ended C lock Input*
CLKIN+
CLKIN–
N ote: T ransm ission line term ination, when required, m ust be provided
externally.
t
F
t
R
80%
20%
t
LO S
(C L K I N + ) - (C L K I N - )
0 V


Similar Part No. - SI5321-G-BC

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5321-G-BC SKYWORKS-SI5321-G-BC Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results

Similar Description - SI5321-G-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com