Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5335 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5335
Description  WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5335 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5335 Datasheet HTML 5Page - Silicon Laboratories SI5335 Datasheet HTML 6Page - Silicon Laboratories SI5335 Datasheet HTML 7Page - Silicon Laboratories SI5335 Datasheet HTML 8Page - Silicon Laboratories SI5335 Datasheet HTML 9Page - Silicon Laboratories SI5335 Datasheet HTML 10Page - Silicon Laboratories SI5335 Datasheet HTML 11Page - Silicon Laboratories SI5335 Datasheet HTML 12Page - Silicon Laboratories SI5335 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Si5335
Rev. 1.4
9
Table 5. Control Pins*
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Control Pins (P1, P2, P3, P5*, P6*)
Input Voltage Low
VIL
Pins P1, P2, P3
–0.1
0.3 x VDD
V
Pins P5 and P6
0.3
V
Input Voltage High
VIH
Pins P1, P2, P3
0.7 x VDD
—3.73
V
Pins P5* and P6*
0.85
1.2
V
Input Capacitance
CIN
——
4
pF
Input Resistance
RIN
—20
k
Output Control Pins (LOS, Pin 8)
Output Voltage Low
VOL
ISINK =3mA
0
0.4
V
Rise/Fall Time 20–80%
tR/tF
CL < 10 pf, pull up  1k
10
ns
*Note: For more information, see "3.6.1. P5 and P6 Input Control" on page 24.
Table 6. Crystal Specifications for 25 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—25—
MHz
Load Capacitance (on-chip differential)
cL
—18—
pF
Crystal Output Capacitance
cO
——
5
pF
Equivalent Series Resistance
rESR
——
100
Crystal Max Drive Level
dL
100
µW
Table 7. Crystal Specifications for 27 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—27—
MHz
Load Capacitance (on-chip differential)
cL
—18—
pF
Crystal Output Capacitance
cO
——
5
pF
Equivalent Series Resistance
rESR
——
75
Crystal Max Drive Level
dL
100
µW


Similar Part No. - SI5335

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI53350 SKYWORKS-SI53350 Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
SI53350A-D01AM SKYWORKS-SI53350A-D01AM Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
SI53350BD-XXXXX-AM SKYWORKS-SI53350BD-XXXXX-AM Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
SI53350BD12748-AM SKYWORKS-SI53350BD12748-AM Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
More results

Similar Description - SI5335

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com