Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5335 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5335
Description  WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5335 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5335 Datasheet HTML 7Page - Silicon Laboratories SI5335 Datasheet HTML 8Page - Silicon Laboratories SI5335 Datasheet HTML 9Page - Silicon Laboratories SI5335 Datasheet HTML 10Page - Silicon Laboratories SI5335 Datasheet HTML 11Page - Silicon Laboratories SI5335 Datasheet HTML 12Page - Silicon Laboratories SI5335 Datasheet HTML 13Page - Silicon Laboratories SI5335 Datasheet HTML 14Page - Silicon Laboratories SI5335 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Si5335
Rev. 1.4
11
Cycle-Cycle Jitter
JCC
N = 10,000 cycles
Output MultiSynth
operated in integer or
fractional mode7
9
29
ps pk8
Random Jitter
(12kHz–20MHz)
RJ
Output and feedback
MultiSynth in integer or
fractional mode7
0.7
1.5
ps RMS
Deterministic Jitter
DJ
Output MultiSynth
operated in fractional
mode7
—3
15
ps pk-pk
Output MultiSynth
operated in integer
mode7
—2
10
ps pk-pk
Total Jitter
(12kHz–20MHz)
TJ =DJ+14xRJ
(See Note 9)
Output MultiSynth
operated in fractional
mode7
13
36
ps pk-pk
Output MultiSynth
operated in integer
mode7
12
20
ps pk-pk
Table 8. Jitter Specifications, Clock Generator Mode (Loop Bandwidth = 1.6 MHz)1,2,3 (Continued)
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All jitter measurements apply for LVDS/HCSL/LVPECL/CML output format with a low noise differential input clock and
are made with an Agilent 90804 oscilloscope. All RJ measurements use RJ/DJ separation.
2. All jitter data in this table is based upon all output formats being differential. When single-ended outputs are used, there
is the potential that the output jitter may increase due to the nature of single-ended outputs. If your configuration
implements any single-ended output and any output is required to have jitter less than 2 ps rms, contact Silicon Labs
for support to validate your configuration and ensure the best jitter performance. In many configurations, CMOS
outputs have little to no effect upon jitter.
3. For best jitter performance, keep the single-ended clock input slew rates at pins 1 and 2 greater that 1.0 V/ns and the
differential clock input slew rates greater than 0.3 V/ns.
4. DJ for PCI and GbE is < 5 ps pp
5. Output MultiSynth in Integer mode.
6. All output clocks 100 MHz HCSL format. Jitter is from the PCIE jitter filter combination that produces the highest jitter.
See AN562 for details. Jitter is mesured with the Intel Clock Jitter Tool, Ver.1.6.4.
7. For any output frequency > 10 MHz.
8. Measured in accordance with JEDEC standard 65.
9. Rj is multiplied by 14; estimate the pp jitter from Rj over 212 rising edges.
10. Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
11. Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


Similar Part No. - SI5335

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI53350 SKYWORKS-SI53350 Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
SI53350A-D01AM SKYWORKS-SI53350A-D01AM Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
SI53350BD-XXXXX-AM SKYWORKS-SI53350BD-XXXXX-AM Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
SI53350BD12748-AM SKYWORKS-SI53350BD12748-AM Datasheet
711Kb / 64P
   10/8/4/2-Output Clock Buffer
Rev. 1.1
More results

Similar Description - SI5335

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com