Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5347 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5347
Description  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5347 Datasheet HTML 4Page - Silicon Laboratories SI5347 Datasheet HTML 5Page - Silicon Laboratories SI5347 Datasheet HTML 6Page - Silicon Laboratories SI5347 Datasheet HTML 7Page - Silicon Laboratories SI5347 Datasheet HTML 8Page - Silicon Laboratories SI5347 Datasheet HTML 9Page - Silicon Laboratories SI5347 Datasheet HTML 10Page - Silicon Laboratories SI5347 Datasheet HTML 11Page - Silicon Laboratories SI5347 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Si5347/46
8
Rev. 1.1
Table 5. Differential Clock Output Specifications
(VDD = 1.8 V ±5%, VDDA = 3.3V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Frequency
fOUT
0.0001
712.5
MHz
Duty Cycle
DC
fOUT < 400 MHz
48
52
%
400 MHz < fOUT < 712.5 MHz
44
55
%
Output-Output Skew
TSK
Differential Output,
Normal Swing Mode
—20
50
ps
Differential Output,
Low Power Swing Mode
20
100
ps
OUT-OUT Skew
TSK_OUT
Measured from the positive to
negative output pins
0
100
ps
Output Voltage Amplitude1
Normal Mode
VOUT
VDDO =3.3 V,
2.5 V, or 1.8 V
LVDS
350
470
550
mVpp_se
VDDO = 3.3 V,
2.5 V
LVPECL
660
810
1000
Low Power Mode
VOUT
VDDO =3.3 V,
2.5 V, or 1.8 V
LVDS
300
420
530
mVpp_se
VDDO =3.3 V,
2.5 V
LVPECL
620
820
1060
Notes:
1. Output amplitude and common mode voltage are programmable through register settings and can be stored in NVM.
Each output driver can be programmed independently. The typical normal mode (or low power mode) LVDS maximum
is 100 mV (or 80 mV) higher than the TIA/EIA-644 maximum.Refer to the Si5347/46 Family Reference Manual for
more suggested output settings. Not all combinations of voltage amplitude and common mode voltages settings are
possible.
2. Driver output impedance depends on selected output mode (Normal, Low Power). Refer to the Si5347/46 Family
Reference Manual for more information.
3. Measured for 156.25 MHz carrier frequency. Sinewave noise added to VDDO (1.8 V = 50 mVpp, 2.5 V/
3.3 V = 100 mVpp) and noise spur amplitude measured.
4. Measured across two adjacent outputs, both in LVDS mode, with the victim running at 155.52 MHz and the aggressor
at 156.25 MHz. Refer to application note, “AN862: Optimizing Si534x Jitter Performance in Next Generation Internet
Infrastructure Systems”, guidance on crosstalk minimization. Note that all active outputs must be terminated when
measuring crosstalk.
OUTx
OUTx
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm


Similar Part No. - SI5347

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
   Data Sheet Errata for Product Revision B
Si5347-D-EVB SILABS-Si5347-D-EVB Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347-D-EVB SKYWORKS-SI5347-D-EVB Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Similar Description - SI5347

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347_16 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com