Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5347 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI5347
Description  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI5347 Datasheet HTML 1Page - Silicon Laboratories SI5347 Datasheet HTML 2Page - Silicon Laboratories SI5347 Datasheet HTML 3Page - Silicon Laboratories SI5347 Datasheet HTML 4Page - Silicon Laboratories SI5347 Datasheet HTML 5Page - Silicon Laboratories SI5347 Datasheet HTML 6Page - Silicon Laboratories SI5347 Datasheet HTML 7Page - Silicon Laboratories SI5347 Datasheet HTML 8Page - Silicon Laboratories SI5347 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Si5347/46
4
Rev. 1.1
2. Electrical Specifications
Table 1. Recommended Operating Conditions
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%,TA = –40 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Junction Temperature
TJMAX
——
125
°C
Core Supply Voltage
VDD
1.71
1.80
1.89
V
VDDA
3.14
3.30
3.47
V
Output Driver Supply Voltage
VDDO
3.14
3.30
3.47
V
2.38
2.50
2.62
V
1.71
1.80
1.89
V
Status Pin Supply Voltage
VDDS
3.14
3.30
3.47
V
1.71
1.80
1.89
V
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
Table 2. DC Characteristics
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current
IDD
Si5347
Notes 1, 2
175
240
mA
Si5346
170
230
mA
IDDA
Si5347
120
130
mA
Si5346
120
130
mA
Notes:
1. Si5347 test configuration: 7 x 2.5 V LVDS outputs enabled @156.25 MHz. Excludes power in termination resistors.
2. Si5346 test configuration: 4 x 2.5 V LVDS outputs enabled @ 156.25 MHz. Excludes power in termination resistors.
3. Differential outputs terminated into an AC coupled 100
 load.
4. LVCMOS outputs measured into a 5-inch 50
 PCB trace with 5 pF load. The LVCMOS outputs were set to
OUTx_CMOS_DRV = 3, which is the strongest driver setting. Refer to the Si5347/46 Family Reference Manual for
more details on register settings.
5. Detailed power consumption for any configuration can be estimated using ClockBuilder Pro when an evaluation board
(EVB) is not available. All EVBs support detailed current measurements for any configuration.
50
50
100
OUT
OUT
IDDO
Differential Output Test Configuration
0.1 µF
0.1 µF
50
OUT
OUT
IDDO
Trace length 5
inches
50
4.7 pF
499
56
4.7 pF
499
56
50
 Scope Input
50
 Scope Input
0.1 µF
0.1 µF
LVCMOS Output Test Configuration


Similar Part No. - SI5347

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
   Data Sheet Errata for Product Revision B
Si5347-D-EVB SILABS-Si5347-D-EVB Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347-D-EVB SKYWORKS-SI5347-D-EVB Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Similar Description - SI5347

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347_16 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com