Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5350B-B Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5350B-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5350B-B Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5350B-B Datasheet HTML 1Page - Silicon Laboratories SI5350B-B Datasheet HTML 2Page - Silicon Laboratories SI5350B-B Datasheet HTML 3Page - Silicon Laboratories SI5350B-B Datasheet HTML 4Page - Silicon Laboratories SI5350B-B Datasheet HTML 5Page - Silicon Laboratories SI5350B-B Datasheet HTML 6Page - Silicon Laboratories SI5350B-B Datasheet HTML 7Page - Silicon Laboratories SI5350B-B Datasheet HTML 8Page - Silicon Laboratories SI5350B-B Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev. 1.0 4/15
Copyright © 2015 by Silicon Laboratories
Si5350B-B
Si5350B-B
F ACTORY-P ROGRAMMABLE A NY-F REQUENCY CMOS
C LOCK G ENERATOR + VCXO
Features
Applications
Description
The Si5350B combines a clock generator and VCXO function into a single device. A
flexible architecture enables this user definable custom timing device to generate
any of the specified output frequencies from either the internal PLL or the VCXO.
This allows the Si5350B to replace multiple crystals, crystal oscillators, and VCXOs.
Custom pin-controlled Si5350B devices can be requested using the ClockBuilder
web-based part number utility: www.silabs.com/ClockBuilder.
Functional Block Diagram
 www.silabs.com/custom-timing
Generates up to 8 non-integer-related
frequencies from 2.5 kHz to 200 MHz
Exact frequency synthesis at each
output (0 ppm error)
Highly linear VCXO gain (kv)
Glitchless frequency changes
Low output period jitter: < 70 ps pp, typ
Configurable Spread Spectrum
selectable at each output
User-configurable control pins:

Output Enable (OEB_0/1/2)

Power Down (PDN)

Frequency Select (FS_0/1)

Spread Spectrum Enable (SSEN)
Supports static phase offset
Rise/fall time control
Operates from a low-cost, fixed
frequency AT-cut, non-pullable
crystal: 25 or 27 MHz
Separate voltage supply pins provide
level translation:

Core VDD: 2.5 V or 3.3 V

Output VDDO: 1.8 V, 2.5 V, or 3.3 V
Excellent PSRR eliminates external
power supply filtering
Very low power consumption
(25 mA, core, typ)
Available in 2 packages types:

10-MSOP: 3 outputs

20-QFN (4x4 mm): 8 outputs
PCIE Gen 1 compliant
Supports HCSL compatible swing
HDTV, DVD/Blu-ray, set-top box
Audio/video equipment, gaming
Printers, scanners, projectors
Handheld instrumentation
Residential gateways
Networking/communication
Servers, storage
XO replacement
Ordering Information:
See page 20
10-MSOP
20-QFN


Similar Part No. - SI5350B-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5350B-B SILABS-Si5350B-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results

Similar Description - SI5350B-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com