Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7007-A20 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI7007-A20
Description  HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7007-A20 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI7007-A20 Datasheet HTML 7Page - Silicon Laboratories SI7007-A20 Datasheet HTML 8Page - Silicon Laboratories SI7007-A20 Datasheet HTML 9Page - Silicon Laboratories SI7007-A20 Datasheet HTML 10Page - Silicon Laboratories SI7007-A20 Datasheet HTML 11Page - Silicon Laboratories SI7007-A20 Datasheet HTML 12Page - Silicon Laboratories SI7007-A20 Datasheet HTML 13Page - Silicon Laboratories SI7007-A20 Datasheet HTML 14Page - Silicon Laboratories SI7007-A20 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Si7007-A20
Rev. 1.2
11
4. Functional Description
Figure 5. Si7007 Block Diagram
The Si7007 is a digital relative humidity and temperature sensor that integrates temperature and humidity sensor
elements, an analog-to-digital converter, signal processing, calibration, polynomial non-linearity correction, and a
PWM output all in a single chip. The Si7007 is individually factory-calibrated for both temperature and humidity,
with the calibration data stored in on-chip, non-volatile memory. This ensures that the sensor is fully
interchangeable, with no recalibration or changes to software required. Patented use of industry-standard CMOS
and low-K dielectrics as a sensor enables the Si7007 to achieve excellent long term stability and immunity to
contaminants with low drift and hysteresis. The Si7007 offers a low power, high accuracy, calibrated and stable
solution ideal for a wide range of temperature, humidity, and dew-point applications including medical and
instrumentation, high reliability automotive and industrial systems, and cost-sensitive consumer electronics.
While the Si7007 is largely a conventional mixed-signal CMOS integrated circuit, relative humidity sensors in
general and those based on capacitive sensing using polymeric dielectrics have unique application and use
requirements that are not common to conventional (non-sensor) ICs. Chief among those are:

The need to protect the sensor during board assembly, i.e., solder reflow, and the need to subsequently
rehydrate the sensor.

The need to protect the sensor from damage or contamination during the product life-cycle.

The impact of prolonged exposure to extremes of temperature and/or humidity and their potential effect on
sensor accuracy.

The effects of humidity sensor “memory”.
Each of these items is discussed in more detail in the following sections.


Similar Part No. - SI7007-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7007-A20-IM SILABS-Si7007-A20-IM Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7007-A20-IM SILABS-Si7007-A20-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7007-A20-IM SILABS-Si7007-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
SI7007-A20-IM SILABS-SI7007-A20-IM Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
Si7007-A20-IM1 SILABS-Si7007-A20-IM1 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7007-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7022-A20 SILABS-SI7022-A20 Datasheet
997Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
Renesas Technology Corp
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com