Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7013EVB-UDP-F960 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI7013EVB-UDP-F960
Description  Si7013EVB-UDP/Si7013EVB-UDP-F960 Users Guide
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7013EVB-UDP-F960 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI7013EVB-UDP-F960 Datasheet HTML 5Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 6Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 7Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 8Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 9Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 10Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 11Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 12Page - Silicon Laboratories SI7013EVB-UDP-F960 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Si7013EVB-UDP Si7013EVB-UDP-F960
Rev. 0.2
9
5. Open Windows Explorer and change to the project folder:
\UDP_Software_vX.X\DataLogger\FW\F960\ (where vX.X is the version number of the UDP software)
6. Double-click on the “Install_Si70xx.bat” file in the project folder. This opens a command window and
downloads the pre-built image file (UDP_DataLogger_Si70xx.hex) to the MCU card.
7. If the command window says “Could not connect with the board. Unknown device.”, then the MCU may be
in sleep mode. The flash utility cannot talk to the MCU while it is sleeping. You must pause the MCU before
running the batch file. Turn off the MCU board (VBAT SEL to UDP), press and hold SW4, and then turn on
the MCU board (VBAT SEL to VREG). The LCD displays “PAUSED”. While continuing to hold SW4,
double-click on the “Install_Si70xx.bat” file. When the command window says “Press any key to continue”,
then release SW4.
8. The download is complete when the command window says “Press any key to continue”. Press any key to
close the command window.
The Data Logger firmware displays temperature and humidity on the LCD. The LCD is updated twice a second with
new temperature and humidity readings. If you prefer the temperature to be displayed in Fahrenheit, then press the
SW2 button.
The Data Logger firmware is now installed on the MCU card and the USB Debug Adapter is no longer needed.
Disconnect the USB Debug Adapter from the debug connector on the MCU card.
3.2.1.2. Installing CP210x Drivers
The MCU card contains a CP2102 USB-to-UART bridge chip. The Data Logger application uses a virtual COM port
(VCP) on the PC to send serial packets to the CP2102 over USB. The CP2102 then uses its UART to forward the
packets to the Data Logger firmware.
This section installs two drivers on the PC:
CP210x VCP Driver
CP210x USB-to-UART Bridge Driver
Perform the following steps to install these drivers:
1. Run the following program from the “UDP_Software_vX.X” folder of the “Si7013 UDP Evaluation Board
Documentation and Software” CD:
CP210x_VCP_Win_XP_S2K3_Vista_7.exe
2. Use the InstallShield Wizard to install the VCP driver.
Table 3. MCU Card Switch Settings
Switch Label
Number
Setting
VBAT SEL
SW5
VREG
VIORF SELECT
SW12
VBAT
VIO SELECT
SW7
VBAT


Similar Part No. - SI7013EVB-UDP-F960

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013EVB-UDP-M3L1 SILABS-SI7013EVB-UDP-M3L1 Datasheet
1Mb / 26P
   Si7013EVB-UDP-M3L1 Users Guide
More results

Similar Description - SI7013EVB-UDP-F960

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013EVB-UDP-M3L1 SILABS-SI7013EVB-UDP-M3L1 Datasheet
1Mb / 26P
   Si7013EVB-UDP-M3L1 Users Guide
C8051F850-DK-UG SILABS-C8051F850-DK-UG_14 Datasheet
1Mb / 40P
   UDP C8051F850 MCU CARD USER
C8051F850-DK-UG SILABS-C8051F850-DK-UG Datasheet
1Mb / 36P
   UDP C8051F850 MCU CARD USER?셎 GUIDE FOR C8051F85X/86X MCUS
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
   The Unified Development Platform (UDP) provides a development
C8051F850DK-QS SILABS-C8051F850DK-QS Datasheet
775Kb / 2P
   C8051F85X/86X MCU DEVELOPMENT KIT QUICK-START GUIDE FEATURING THE UNIFIED DEVELOPMENT PLATFORM (UDP)
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com