Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7015-A20 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI7015-A20
Description  DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7015-A20 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI7015-A20 Datasheet HTML 4Page - Silicon Laboratories SI7015-A20 Datasheet HTML 5Page - Silicon Laboratories SI7015-A20 Datasheet HTML 6Page - Silicon Laboratories SI7015-A20 Datasheet HTML 7Page - Silicon Laboratories SI7015-A20 Datasheet HTML 8Page - Silicon Laboratories SI7015-A20 Datasheet HTML 9Page - Silicon Laboratories SI7015-A20 Datasheet HTML 10Page - Silicon Laboratories SI7015-A20 Datasheet HTML 11Page - Silicon Laboratories SI7015-A20 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Si7015-A20
8
Rev. 1.0
Figure 3. Temperature Accuracy*
Note: Figure 3 only applies to G-grade devices beyond 70
C.
Table 5. Temperature Sensor
1.9
≤ V
DD ≤ 3.6 V; TA = –40 to +85 °C (G grade) or 0 to +70 °C (F grade), default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range
F Grade
0
+70
°C
G Grade
–40
+85
°C
Accuracy1
0°C< tA < 70 °C
±0.5
±1.0
°C
–40 °C < tA < 85 °C
Figure 3.
°C
Repeatability/Noise
Normal Mode
0.02
°C RMS
Fast Mode
0.08
°C RMS
Response Time2
τ
63%
Unmounted device
0.7
s
Si7015-EB board
5.1
s
Long Term Stability
< 0.01
°C/Yr
Notes:
1. 14b measurement resolution (default).
2. Time to reach 63% of final value in response to a step change in temperature. Actual response time will vary dependent
on system thermal mass and air-flow.


Similar Part No. - SI7015-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
Si7015-A10-FM SILABS-Si7015-A10-FM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7015-A10-FM1 SILABS-Si7015-A10-FM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7015-A10-GM SILABS-Si7015-A10-GM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7015-A10-GM1 SILABS-Si7015-A10-GM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7015-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com