Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7023-A20 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI7023-A20
Description  HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7023-A20 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI7023-A20 Datasheet HTML 1Page - Silicon Laboratories SI7023-A20 Datasheet HTML 2Page - Silicon Laboratories SI7023-A20 Datasheet HTML 3Page - Silicon Laboratories SI7023-A20 Datasheet HTML 4Page - Silicon Laboratories SI7023-A20 Datasheet HTML 5Page - Silicon Laboratories SI7023-A20 Datasheet HTML 6Page - Silicon Laboratories SI7023-A20 Datasheet HTML 7Page - Silicon Laboratories SI7023-A20 Datasheet HTML 8Page - Silicon Laboratories SI7023-A20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev. 1.1 6/15
Copyright © 2015 by Silicon Laboratories
Si7023-A20
Si7023-A20
HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Features
Applications
Description
The Si7023 Humidity and Temperature Sensor is a monolithic CMOS IC
integrating humidity and temperature sensor elements, an analog-to-digital
converter, signal processing, calibration data, and a PWM output. The PWM
output may be filtered to produce an analog voltage output. The patented use of
industry-standard, low-K polymeric dielectrics for sensing humidity enables the
construction of low-power, monolithic CMOS Sensor ICs with low drift and
hysteresis, and excellent long term stability.
The humidity and temperature sensors are factory-calibrated and the calibration
data is stored in the on-chip non-volatile memory. This ensures that the sensors
are fully interchangeable, with no recalibration or software changes required.
The Si7023 is available in a 3x3 mm DFN package and is reflow solderable. It can
be used as a hardware- and software-compatible drop-in upgrade for existing RH/
temperature sensors in 3x3 mm DFN-6 packages, featuring precision sensing
over a wider range and lower power consumption. The optional factory-installed
cover offers a low profile, convenient means of protecting the sensor during
assembly (e.g., reflow soldering) and throughout the life of the product, excluding
liquids (hydrophobic/oleophobic) and particulates.
The Si7023 offers an accurate, low-power, factory-calibrated digital solution ideal
for measuring humidity, dew-point, and temperature, in applications ranging from
HVAC/R and asset tracking to industrial and consumer platforms.
Precision Relative Humidity Sensor

± 3% RH (max), 0–80% RH
High Accuracy Temperature Sensor

±0.4 °C (max), –10 to 85 °C
0 to 100% RH operating range
–40 to +125 °C operating range
Wide operating voltage
(1.9 to 3.6 V)
Low Power Consumption
Factory-calibrated
PWM Output
3x3 mm DFN Package
Excellent long term stability
Optional factory-installed cover

Low-profile

Protection during reflow

Excludes liquids and particulates
HVAC/R
Thermostats/humidistats
Respiratory therapy
White goods
Indoor weather stations
Micro-environments/data centers
Automotive climate control and
defogging
Asset and goods tracking
Mobile phones and tablets
Patent Protected. Patents pending
Ordering Information:
See page 18.
Pin Assignments
Top View


Similar Part No. - SI7023-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7023-A20-IM SILABS-Si7023-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IM1 SILABS-Si7023-A20-IM1 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IM1R SILABS-Si7023-A20-IM1R Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IMR SILABS-Si7023-A20-IMR Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-YM SILABS-Si7023-A20-YM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7023-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7022-A20 SILABS-SI7022-A20 Datasheet
997Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
Renesas Technology Corp
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com