Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8035AA-B-IU Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI8035AA-B-IU
Description  1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8035AA-B-IU Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI8035AA-B-IU Datasheet HTML 4Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 5Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 6Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 7Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 8Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 9Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 10Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 11Page - Silicon Laboratories SI8035AA-B-IU Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Si80xx
8
Rev. 1.0
2. Functional Description
2.1. Theory of Operation
The Si80xx comprises a transmitter and a receiver separated by a semiconductor-based isolation barrier. The
Si80xx uses a high-frequency internal oscillator on the transmitter to modulate digital input signals across the
capacitive isolation barrier. On the receiver side, these signals are demodulated back to the corresponding digital
output signals that are galvanically isolated from the input. This simple and elegant architecture provides a robust
data path and requires no special considerations or initialization at start-up. A simplified block diagram for an
Si80xx data channel is shown in Figure 4.
Figure 4. Simplified Channel Diagram
The transmitter consists of an input stage that latches in data from up to six asynchronous channels, followed by a
serializer stage where the data is compressed into serial data packets that are then coupled across the capacitive
isolation barrier. The receiver consists of a demodulator block that converts the modulated signal back into serial
data packets that are then deserialized and latched to the output.
A
B
Input
Latch
Input
Selector
Transmitter
Serializer
Demodulator
Deserializer
Receiver
Si80xx
High
Frequency
Oscillator
Modulator/
Packet
Encoder
Output
Latch
Packet
Decoder
Clock
Recovery and
Demodulator


Similar Part No. - SI8035AA-B-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8035AA-B-IU SKYWORKS-SI8035AA-B-IU Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

Similar Description - SI8035AA-B-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com