Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8234 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI8234
Description  0.5 AND 4.0 AMP ISODRIVERS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8234 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI8234 Datasheet HTML 1Page - Silicon Laboratories SI8234 Datasheet HTML 2Page - Silicon Laboratories SI8234 Datasheet HTML 3Page - Silicon Laboratories SI8234 Datasheet HTML 4Page - Silicon Laboratories SI8234 Datasheet HTML 5Page - Silicon Laboratories SI8234 Datasheet HTML 6Page - Silicon Laboratories SI8234 Datasheet HTML 7Page - Silicon Laboratories SI8234 Datasheet HTML 8Page - Silicon Laboratories SI8234 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Rev. 1.7 4/15
Copyright © 2015 by Silicon Laboratories
Si823x
Si823x
0.5 AND 4.0 A MP ISO DRIVERS (2.5 AND 5 KV RMS)
Features
Applications
Safety Approval
Description
The Si823x isolated driver family combines two independent, isolated
drivers into a single package. The Si8230/1/3/4 are high-side/low-side
drivers, and the Si8232/5/6/7/8 are dual drivers. Versions with peak
output currents of 0.5 A (Si8230/1/2/7) and 4.0 A (Si8233/4/5/6/8) are
available. All drivers operate with a maximum supply voltage of 24 V.
The Si823x drivers utilize Silicon Labs' proprietary silicon isolation
technology, which provides up to 5 kVRMS withstand voltage per UL1577
and fast 60 ns propagation times. Driver outputs can be grounded to the
same or separate grounds or connected to a positive or negative voltage.
The TTL level compatible inputs with >400 mV hysteresis are available in
individual control input (Si8230/2/3/5/6/7/8) or PWM input (Si8231/4)
configurations. High integration, low propagation delay, small installed
size, flexibility, and cost-effectiveness make the Si823x family ideal for a
wide range of isolated MOSFET/IGBT gate drive applications.
Two completely isolated drivers
in one package

Up to 5 kVRMS input-to-output
isolation

Up to 1500 VDC peak driver-to-
driver differential voltage
HS/LS and dual driver versions
Up to 8 MHz switching frequency
0.5 A peak output (Si8230/1/2/7)
4.0 A peak output
(Si8233/4/5/6/8)
High electromagnetic immunity
60 ns propagation delay (max)
Independent HS and LS inputs or
PWM input versions
Transient immunity >45 kV/µs
Overlap protection and
programmable dead time
AEC-Q100 qualification
Wide operating range

–40 to +125 °C
RoHS-compliant packages

SOIC-16 wide body

SOIC-16 narrow body

LGA-14
Power delivery systems
Motor control systems
Isolated dc-dc power supplies
Lighting control systems
Plasma displays
Solar and industrial inverters
UL 1577 recognized

Up to 5000 Vrms for 1 minute
CSA component notice 5A
approval

IEC 60950-1, 61010-1, 60601-1
(reinforced insulation)
VDE certification conformity

IEC 60747-5-5 (VDE 0884 Part 5)

EN 60950-1 (reinforced
insulation)
CQC certification approval

GB4943.1
Ordering Information:
See page 39.


Similar Part No. - SI8234

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8234AB-AM SKYWORKS-SI8234AB-AM Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8234AB-AM1 SKYWORKS-SI8234AB-AM1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8234AB-AS SKYWORKS-SI8234AB-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8234AB-AS1 SKYWORKS-SI8234AB-AS1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results

Similar Description - SI8234

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com