Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8261AAC-C-IS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI8261AAC-C-IS
Description  5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8261AAC-C-IS Datasheet(HTML) 1 Page - Silicon Laboratories

  SI8261AAC-C-IS Datasheet HTML 1Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 2Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 3Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 4Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 5Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 6Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 7Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 8Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Rev. 1.3 5/15
Copyright © 2015 by Silicon Laboratories
Si826x
Si826x
5 KV LED E MULATOR I NPUT, 4.0 A I SOLATED G ATE D RIVERS
Features
Applications
Safety Regulatory Approvals
Description
The Si826x isolators are pin-compatible, drop-in upgrades for popular opto-
coupled gate drivers, such as 0.6 A ACPL-0302/3020, 2.5 A HCPL-3120/ACPL-
3130, HCNW3120/3130, and similar opto-drivers. The devices are ideal for driving
power MOSFETs and IGBTs used in a wide variety of inverter and motor control
applications. The Si826x isolated gate drivers utilize Silicon Laboratories'
proprietary silicon isolation technology, supporting up to 5.0 kVRMS withstand
voltage per UL1577 and 10kV surge protection per IEC60747. This technology
enables higher-performance, reduced variation with temperature and age, tighter
part-to-part matching, and superior common-mode rejection compared to opto-
coupled gate drivers. While the input circuit mimics the characteristics of an LED,
less drive current is required, resulting in higher efficiency. Propagation delay time
is independent of input drive current, resulting in consistently short propagation
times, tighter unit-to-unit variation, and greater input circuit design flexibility. As a
result, the Si826x series offers longer service life and dramatically higher reliability
compared to opto-coupled gate drivers.
Pin-compatible, drop-in upgrades for
popular high speed opto-coupled
gate drivers
Low power diode emulator simplifies
design-in process
0.6 and 4.0 Amp peak output drive
current
Rail-to-rail output voltage
Performance and reliability
advantages vs. opto-drivers

Resistant to temperature and age

10x lower FIT rate for longer
service life

14x tighter part-to-part matching

Higher common-mode transient
immunity: >50 kV/µs typical
Robust protection features

Multiple UVLO ordering options
(5, 8, and 12 V) with hysteresis
60 ns propagation delay,
independent of input drive current
Wide VDD range: 6.5 to 30 V
Up to 5000 VRMS isolation
10 kV surge withstand capability
AEC-Q100 qualified
Wide operating temperature range

–40 to +125 °C
RoHS-compliant packages

SOIC-8 (Narrow body)

DIP8 (Gull-wing)

SDIP6 (Stretched SO-6)

LGA8
IGBT/ MOSFET gate drives
Industrial, HEV and renewable
energy inverters
AC, Brushless, and DC motor
controls and drives
Variable speed motor control in
consumer white goods
Isolated switch mode and UPS
power supplies
UL 1577 recognized

Up to 5000 Vrms for 1 minute
CSA component notice 5A approval

IEC 60950-1, 61010-1, 60601-1
(reinforced insulation)
VDE certification conformity

IEC60747-5-2/VDE0884-10
(basic/reinforced insulation)
CQC certification approval

GB4943.1
Patent pending
Pin Assignments:
See page 22
1
2
3
4
8
7
6
5
ANODE
CATHODE
NC
VDD
VO
VO
SOIC-8, DIP8, LGA8
Industry Standard Pinout
GND
UVLO
1
3
6
5
4
ANODE
CATHODE
VDD
VO
GND
SDIP6
Industry Standard Pinout
2
NC
UVLO
e
e


Similar Part No. - SI8261AAC-C-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8261AAC-C-IS SKYWORKS-SI8261AAC-C-IS Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

Similar Description - SI8261AAC-C-IS

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com