Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8261AAC-C-IS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8261AAC-C-IS
Description  5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8261AAC-C-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8261AAC-C-IS Datasheet HTML 7Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 8Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 9Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 10Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 11Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 12Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 13Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 14Page - Silicon Laboratories SI8261AAC-C-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Si826x
Rev. 1.3
11
Figure 5. (SOIC-8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2 and VDE0884-10
Figure 6. (DIP8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2 and VDE0884-10
Table 8. Thermal Characteristics
Parameter
Symbol
Typ
Unit
SOIC-8
DIP8
SDIP6
LGA8
IC Junction-to-Air Thermal
Resistance
JA
110
110
105
220
ºC/W
400
600
800
1000
1200
Ps (mW)
Is (mA)
0
200
0
20406080
100
120
140
Ts Case Temperature (°C)
400
600
800
1000
1200
Ps (mW)
Is (mA)
0
200
0
20406080
100
120
140
Ts Case Temperature (°C)


Similar Part No. - SI8261AAC-C-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8261AAC-C-IS SKYWORKS-SI8261AAC-C-IS Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
More results

Similar Description - SI8261AAC-C-IS

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com