Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT823DMQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT823DMQB
Description  9-Bit D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT823DMQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACT823DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 6Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 7Page - National Semiconductor (TI) 54ACT823DMQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Functional Description
The ACT823 consists of nine D-type edge-triggered
flip-flops. These have TRI-STATE outputs for bus systems
organized with inputs and outputs on opposite sides. The
buffered clock (CP) and buffered Output Enable (OE) are
common to all flip-flops. The flip-flops will store the state of
their individual D inputs that meet the setup and hold time re-
quirements on the LOW-to-HIGH CP transition. With OE
LOW, the contents of the flip-flops are available at the out-
puts. When OE is HIGH, the outputs go to the high imped-
ance state. Operation of the OE input does not affect the
state of the flip-flops. In addition to the Clock and Output En-
able pins, there are Clear (CLR) and Clock Enable (EN) pins.
These devices are ideal for parity bus interfacing in high per-
formance systems.
When CLR is LOW and OE is LOW, the outputs are LOW.
When CLR is HIGH, data can be entered into the flip-flops.
When EN is LOW, data on the inputs is transferred to the
outputs on the LOW-to-HIGH clock transition. When the EN
is HIGH, the outputs do not change state, regardless of the
data or clock input transitions.
Function Table
Inputs
Internal
Output
Function
OE
CLR
EN
CP
D
Q
O
H
X
L
N
L
L
Z
High Z
H
X
L
N
H
H
Z
High Z
H
L
X
X
X
L
Z
Clear
L
L
X
X
X
L
L
Clear
H
H
H
X
X
NC
Z
Hold
L
H
H
X
X
NC
NC
Hold
H
H
L
N
L
L
Z
Load
H
H
L
N
H
H
Z
Load
L
H
L
N
L
L
L
Load
L
H
L
N
H
H
H
Load
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
N = LOW-to-HIGH Transition
NC = No Change
Logic Diagram
DS100253-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
3
www.national.com


Similar Part No. - 54ACT823DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT823FCQB NSC-54ACT823FCQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT823FCQR NSC-54ACT823FCQR Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT823FCX NSC-54ACT823FCX Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT823FMQB NSC-54ACT823FMQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
More results

Similar Description - 54ACT823DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
   4-BIT D FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
   4-BIT D FLIP-FLOP
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com