Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8651BC-B-IS1 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI8651BC-B-IS1
Description  LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8651BC-B-IS1 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8651BC-B-IS1 Datasheet HTML 6Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 9Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 10Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 11Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 12Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 13Page - Silicon Laboratories SI8651BC-B-IS1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
Rev. 1.8
Si8650/51/52/55
1 Mbps Supply Current
(All inputs = 500 kHz square wave, CI = 15 pF on all outputs)
Si8650Bx, Ex, Si8655Bx
VDD1
VDD2
4.1
3.7
5.7
5.2
mA
Si8651Bx, Ex
VDD1
VDD2
4.2
3.8
5.8
5.3
mA
Si8652Bx, Ex
VDD1
VDD2
4.0
4.0
5.6
5.6
mA
10 Mbps Supply Current
(All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8650Bx, Ex, Si8655Bx
VDD1
VDD2
4.1
4.4
5.7
6.1
mA
Si8651Bx, Ex
VDD1
VDD2
4.3
4.3
6.0
6.0
mA
Si8652Bx, Ex
VDD1
VDD2
4.3
4.4
6.0
6.1
mA
100 Mbps Supply Current
(All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8650Bx, Ex, Si8655Bx
VDD1
VDD2
4.1
15.5
5.7
20.1
mA
Si8651Bx, Ex
VDD1
VDD2
6.6
13.2
8.9
17.1
mA
Si8652Bx, Ex
VDD1
VDD2
8.9
11.1
11.6
14.4
mA
Table 3. Electrical Characteristics (Continued)
(VDD1 = 3.3 V±10%, VDD2 = 3.3 V±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2.
tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3.
Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8651BC-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8651BC-B-IS1 SILABS-Si8651BC-B-IS1 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI8651BC-B-IS1 SKYWORKS-SI8651BC-B-IS1 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
More results

Similar Description - SI8651BC-B-IS1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
SI845X SILABS-SI845X Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com