Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8652EC-B-IS1 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8652EC-B-IS1
Description  LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8652EC-B-IS1 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8652EC-B-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 9Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 10Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 11Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 12Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 13Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 14Page - Silicon Laboratories SI8652EC-B-IS1 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Rev. 1.8
11
Si8650/51/52/55
Timing Characteristics
Si865xBx, Ex
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
5.0
ns
Propagation Delay
tPHL, tPLH
See Figure 2
5.0
8.0
13
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 2
0.2
4.5
ns
Propagation Delay Skew2
tPSK(P-P)
—2.0
4.5
ns
Channel-Channel Skew
tPSK
—0.4
2.5
ns
All Models
Output Rise Time
tr
CL =15pF
See Figure 2
2.5
4.0
ns
Output Fall Time
tf
CL =15pF
(See Figure 2)
2.5
4.0
ns
Peak eye diagram jitter
tJIT(PK)
(See Figure 8)
350
ps
Common Mode
Transient Immunity
CMTI
VI =VDD or 0 V
VCM = 1500 V
(See Figure 3)
35
50
kV/µs
Enable to Data Valid
ten1
See Figure 1
6.0
11
ns
Enable to Data Tri-State
ten2
See Figure 1
8.0
12
ns
Start-Up Time3
tSU
—15
40
µs
Table 3. Electrical Characteristics (Continued)
(VDD1 = 3.3 V±10%, VDD2 = 3.3 V±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2.
tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3.
Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8652EC-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8652EC-B-IS1 SILABS-Si8652EC-B-IS1 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI8652EC-B-IS1 SKYWORKS-SI8652EC-B-IS1 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
More results

Similar Description - SI8652EC-B-IS1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
SI845X SILABS-SI845X Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com