Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCQT-SOIC14 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # LCQT-SOIC14
Description  Small Outline Prototyping Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

LCQT-SOIC14 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  LCQT-SOIC14 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
19000
Rev. 1.0
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION. SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE FURNISHED,
DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE CONSIDERED UNCONTROLLED
Aries Low Cost, Quick Turn
Small Outline Prototyping Adapters
FEATURES
•MatesSOT23,SOIC,MSOP,orTSSOPpackagestostandardbreadboardandbreakout
boardsforrapidandeasyprototyping
•Panelizedadaptersavailableuponrequest
GENERAL SPECIFICATIONS
•BOARD MATERIAL:0.062[1.58]thickFR-4,UL94V-0with1/2-oz.Cutraces
•PININSULATOR:Polyester,UL94V-0
•PINS:Brass3601/2-hardperUNSC36000ASTM-B16-00
•PINPLATING:AuFlash
•OPERATINGTEMPERATURE:-55°Cto+125°C
ORDERING INFORMATION
Indicate desired P/N
t
Pads
Package
Dim. “A”
Dim. “B”
Dim. “C”
Dim. “D”
Dim. “e”
Dim. “F”
Dim. “G”
P/N
6
SOT23
0.3[7.62]
0.4 [10.16]
0.3[7.62]
0.091[2.30]
0.037[0.95]
0.035[0.90]
0.024 [0.60]
LCQT-SOT23
8
SOIC8
0.4 [10.16]
0.4 [10.16]
0.3[7.62]
0.205 [5.20]
0.050 [1.27]
0.087 [2.20]
0.024 [0.60]
LCQT-SOIC8
10
MSOP10
0.5 [12.7]
0.4 [10.16]
0.3[7.62]
0.161 [4.10]
0.020 [0.50]
0.039[1.00]
0.012[0.30]
LCQT-MSOP10
14
TSSOP14
0.7 [17.78]
0.7 [17.78]
0.3[7.62]
0.114 [2.90]
0.026 [0.65]
0.039[1.00]
0.012[0.30]
LCQT-TSSOP14
14
SOIC14
0.7 [17.78]
0.7 [17.78]
0.6 [15.24]
0.205 [5.20]
0.050 [1.27]
0.087 [2.20]
0.024 [0.60]
LCQT-SOIC14
14
SOIC14W
0.7 [17.78]
0.7 [17.78]
0.6 [15.24]
0.362[9.20]
0.050 [1.27]
0.087 [2.20]
0.024 [0.60]
LCQT-SOIC14W
16
TSSOP16
0.8[20.32]
0.7 [17.78]
0.6 [15.24]
0.234[5.94]
0.026 [0.65]
0.070 [1.78]
0.017 [0.42]
LCQT-TSSOP16
16
SOIC16
0.8[20.32]
0.7 [17.78]
0.6 [15.24]
0.242 [6.15]
0.050 [1.27]
0.080[2.03]
0.026 [0.66]
LCQT-SOIC16
16
SOIC16W
0.8[20.32]
0.7 [17.78]
0.6 [15.24]
0.386[9.80]
0.050 [1.27]
0.080[2.03]
0.026 [0.66]
LCQT-SOIC16W
20
TSSOP20
1.0 [25.4]
0.7 [17.78]
0.6 [15.24]
0.222 [5.64]
0.026 [0.65]
0.012[0.30]
0.039[0.99]
LCQT-TSSOP20
20
SSOP20
1.0 [25.4]
0.7 [17.78]
0.6 [15.24]
0.285 [7.25]
0.026 [0.65]
0.059 [1.50]
0.016 [0.40]
LCQT-SSOP20
20
SOIC20W
1.0 [25.4]
0.7 [17.78]
0.6 [15.24]
0.396[10.06]
0.050 [1.27]
0.080[2.03]
0.026 [0.66]
LCQT-SOIC20W
28
TSSOP28
1.4[35.56]
0.7 [17.78]
0.6 [15.24]
0.228 [5.80]
0.026 [0.65]
0.047 [1.20]
0.014[0.35]
LCQT-TSSOP28
28
SOIC28
1.4[35.56]
0.7 [17.78]
0.6 [15.24]
0.380[9.65]
0.050 [1.27]
0.079 [2.00]
0.031[0.80]
LCQT-SOIC28
32
SOIC32
1.6 [40.64]
0.7 [17.78]
0.6 [15.24]
0.362[9.20]
0.050 [1.27]
0.087 [2.20]
0.024 [0.60]
LCQT-SOIC32
32
SOIC32W
1.6 [40.64]
0.7 [17.78]
0.6 [15.24]
0.425 [10.80]
0.050 [1.27]
0.087 [2.20]
0.024 [0.60]
LCQT-SOIC32W
32
TSOP I
1.6 [40.64]
0.7 [17.78]
0.6 [15.24]
0.598 [15.20]
0.020 [0.50]
0.063[1.60]
0.012[0.30]
LCQT-TSOP32-1
32
TSOP I
2.0 [50.8]
0.7 [17.78]
0.6 [15.24]
0.776 [19.70]
0.020 [0.50]
0.047 [1.20]
0.014[0.36]
LCQT-TSOP32
40
TSOP I
2.0 [50.8]
0.7 [17.78]
0.6 [15.24]
0.598 [15.20]
0.020 [0.50]
0.063[1.60]
0.012[0.30]
LCQT-TSOP40
40
TSOP I
2.0 [50.8]
0.7 [17.78]
0.6 [15.24]
0.756 [19.20]
0.020 [0.50]
0.063[1.60]
0.012[0.30]
LCQT-TSOP40-1
• ALL DIMENSIONS: INCHES [MILLIMETERS] • ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED • CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - LCQT-SOIC14

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LCQT-QFP0.5-32 ARIES-LCQT-QFP0.5-32 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-40 ARIES-LCQT-QFP0.5-40 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-40-1 ARIES-LCQT-QFP0.5-40-1 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-52 ARIES-LCQT-QFP0.5-52 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-60 ARIES-LCQT-QFP0.5-60 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
More results

Similar Description - LCQT-SOIC14

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
19001 ARIES-19001 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
   Shrink Small Outline Package SSOP DIP Adapters
AK08D300 ACCUTEK-AK08D300_12 Datasheet
68Kb / 2P
   Micro Small Outline Package MSOP DIP Adapters
AK08D300-TSOP ACCUTEK-AK08D300-TSOP_12 Datasheet
545Kb / 5P
   Thin Small Outline Package TSOP DIP Adapters
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
AK08D300-NSO ACCUTEK-AK08D300-NSO_12 Datasheet
741Kb / 11P
   Small Outline Package SOIC, SOJ and PLCC DIP Adapters
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com