Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171012401 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171012401
Description  MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

171012401 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 171012401 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 171012401 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
we-online.com
Würth Elektronik eiSos GmbH & Co. KG - Data Sheet - REV 1.0
7/31
WPMDH1102401 / 171012401
MagI³C Power Module
VDRM - Variable Step Down Regulator Module
TYPICAL PERFORMANCE CURVES
If not otherwise specified, the following conditions apply: VIN = 24V; CIN = 10µF X7R ceramic; CO = 47µF X7R
ceramic, TAMB = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
70
75
80
85
90
95
100
Output Current [A]
Efficiency: VOUT = 5V @ TAMB = 85°C
VIN = 8V
VIN = 12V
VIN = 24V
Output Current [A]
Power Loss: VOUT = 5V @ TAMB = 85°C
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
VIN = 8V
VIN = 12V
VIN = 24V
0.0
0.2
0.4
0.6
0.8
1.0
70
75
80
85
90
95
100
Output Current [A]
Efficiency: VOUT = 12V @ TAMB = 85°C
VIN = 15V
VIN = 24V
VIN = 36V
Output Current [A]
Power Loss: VOUT = 12V @ TAMB = 85°C
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
VIN = 15V
VIN = 24V
VIN = 36V
0.0
0.2
0.4
0.6
0.8
1.0
70
75
80
85
90
95
100
Output Current [A]
Efficiency: VOUT = 24V @ TAMB = 85°C
VIN = 28V
VIN = 30V
VIN = 36V
Output Current [A]
Power Loss: VOUT = 24V @ TAMB = 85°C
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
VIN = 28V
VIN = 30V
VIN = 36V


Similar Part No. - 171012401

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171012401 WURTH-171012401 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171012401 WURTH-171012401 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
More results

Similar Description - 171012401

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178050601 WURTH-178050601 Datasheet
1Mb / 25P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178021501 WURTH-178021501 Datasheet
2Mb / 32P
   MagI쨀C Power Module Product Family VDRM - Variable Step Down Regulator Module
171031801 WURTH-171031801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com